Electronic Components Datasheet Search
  English  ▼

X  

BGU2003 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGU2003
Description  SiGe MMIC amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGU2003 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGU2003 Datasheet HTML 1Page - NXP Semiconductors BGU2003 Datasheet HTML 2Page - NXP Semiconductors BGU2003 Datasheet HTML 3Page - NXP Semiconductors BGU2003 Datasheet HTML 4Page - NXP Semiconductors BGU2003 Datasheet HTML 5Page - NXP Semiconductors BGU2003 Datasheet HTML 6Page - NXP Semiconductors BGU2003 Datasheet HTML 7Page - NXP Semiconductors BGU2003 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2002 May 17
5
Philips Semiconductors
Preliminary specification
SiGe MMIC amplifier
BGU2003
Scattering parameters: VS =2.5 V; IS =10mA; Tamb =25 °C
Noise parameters: VS =2.5 V; IS =10mA; Tamb =25 °C
f (MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
100
0.837
−10.6
19.216
163.9
0.007
77.3
0.976
−7.1
200
0.783
−19.9
17.589
151.7
0.012
77.2
0.920
−13.2
300
0.713
−28.4
16.321
142.4
0.018
76.7
0.861
−17.1
400
0.645
−36.0
15.046
134.5
0.022
72.9
0.805
−19.8
500
0.581
−42.0
13.701
127.7
0.027
75.2
0.759
−21.9
600
0.519
−47.1
12.709
121.6
0.031
74.8
0.718
−22.8
700
0.474
−50.8
11.602
116.8
0.034
75.0
0.689
−23.4
800
0.433
−53.3
10.631
112.6
0.038
75.3
0.664
−24.1
900
0.397
−55.2
9.791
108.8
0.042
76.3
0.644
−24.4
1000
0.369
−56.9
8.951
106.0
0.046
76.1
0.627
−25.2
1100
0.342
−58.4
8.314
103.6
0.050
77.3
0.610
−25.6
1200
0.320
−60.2
7.730
101.1
0.055
77.6
0.599
−26.4
1300
0.301
−62.1
7.275
99.4
0.058
78.4
0.591
−27.2
1400
0.286
−64.4
6.912
97.1
0.063
78.1
0.583
−28.0
1500
0.273
−66.7
6.493
94.8
0.066
78.2
0.578
−28.6
1600
0.262
−68.5
6.078
93.5
0.071
78.9
0.572
−29.0
1700
0.252
−7.08
5.783
91.8
0.074
78.9
0.564
−29.6
1800
0.241
−73.7
5.475
90.9
0.078
79.8
0.553
−30.0
1900
0.229
−77.0
5.289
89.9
0.083
79.7
0.543
−30.7
2000
0.221
−81.1
5.094
88.4
0.088
79.5
0.530
−31.9
2100
0.216
−85.5
4.911
87.2
0.092
79.4
0.518
−33.6
2200
0.215
−88.9
4.779
85.6
0.098
79.6
0.512
−35.6
2300
0.229
−91.6
4.588
84.3
0.104
78.7
0.515
−38.2
2400
0.237
−97.0
4.446
83.8
0.107
78.6
0.515
−40.7
2500
0.240
−99.3
4.325
82.3
0.111
79.1
0.523
−42.3
2600
0.243
−101.1
4.145
81.9
0.115
80.1
0.532
−43.0
2700
0.243
−102.9
4.105
81.6
0.121
80.4
0.537
−43.3
2800
0.238
−104.9
4.038
80.2
0.124
80.4
0.538
−43.0
2900
0.233
−106.8
3.924
78.5
0.129
80.3
0.532
−43.2
3000
0.224
−109.0
3.795
76.7
0.132
80.0
0.519
−43.1
f (MHz)
NFmin (dB)
gamma opt.
Rn / 50 Ω
MAGNITUDE (ratio)
ANGLE (deg)
900
1.0
0.19
14
0.16
1800
1.1
0.08
60
0.14
2500
1.3
0.07
90
0.14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com