Electronic Components Datasheet Search
  English  ▼

X  

PE150AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PE150AF
Description  CERMAX짰 XENON SHORT-ARC LAMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE150AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PE150AF Datasheet HTML 1Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 2Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 3Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PE150AF 03/2012 page 1 of 4
DATASHEET
Lighting Solutions
www.excelitas.com
PE150AF
CERMAX® XENON SHORT-ARC LAMPS
The Cermax® Xenon short-arc lamp from Excelitas Technologies is an
innovative lamp design in the specialty lighting industry. Cermax® Xenon
lamps were first introduced in the early 1980s and are now used in
diagnostic and surgical endoscopes in most major hospitals worldwide,
in high-brightness projection display systems, and for a wide variety of
other high-performance applications.
The Cermax® Xenon lamp, Model PE150AF, has an integrated parabolic
reflector, enabling high-intensity, focused light output. Due to the Xenon
lamp’s broad color spectrum, the lamp is filtered to emit ultraviolet,
visible, or infrared light, depending upon application and usage. With their
internal reflector and rugged ceramic body construction, Cermax® Xenon
lamps are the safest and most compact alternative to conventional quartz
xenon lamps. Cermax® lamps are ideal for applications that require a high
degree of illumination control.
Current-regulated or power-regulated power supplies with output ripples
of less than 5% are recommended. Single-shot ignition pulses are advised
because radio frequency starters may damage the lamp’s internal
reflector.
In addition to lamps, Excelitas Technologies manufactures Cermax® Xenon
short-arc lamp power supplies, lamp holders, OEM lighting systems, and
fiber optic light sources.
Key Features
 High-intensity
illumination—1350 Lumens
 Compact size
 Power range of 100-150 Watts
 1000 hours lamp lifetime
 Broad spectral range with 5900o
Kelvin color temperature
Applications
 Medical fiber optic illuminators
 Industrial fiber optic illuminators
 Machine vision
 Infrared and visible
spotlights/beacons
 Spectroscopy
 Microscopy
 UV Curing
 Video projection
Cermax® Xenon short-arc lamps from Excelitas Technologies are ideal
for applications that require a high degree of illumination control.


Similar Part No. - PE150AF

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE150A-10F PERKINELMER-PE150A-10F Datasheet
66Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
More results

Similar Description - PE150AF

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE125BF PERKINELMER-PE125BF Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE175BF PERKINELMER-PE175BF Datasheet
62Kb / 2P
CERMAX XENON ARC LAMPS
PE300BF PERKINELMER-PE300BF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
PE500C-13F PERKINELMER-PE500C-13F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE500DF PERKINELMER-PE500DF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
logo
List of Unclassifed Man...
PE175BFA ETC2-PE175BFA Datasheet
647Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
PE300BFA ETC2-PE300BFA Datasheet
730Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
PE300C-10F ETC2-PE300C-10F Datasheet
697Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com