Electronic Components Datasheet Search
  English  ▼

X  

PE150AF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PE150AF
Description  CERMAX짰 XENON SHORT-ARC LAMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE150AF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PE150AF Datasheet HTML 1Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 2Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 3Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PE150AF 03/2012 page 2 of 4
PE150AF
CERMAX® XENON SHORT-ARC LAMP
www.excelitas.com
* End of life is defined as 50% of initial output
* These values indicate total output in all directions. Wavelengths = UV<390 nm, IR>770 nm, Visible: 390 nm-770 nm
Operational Specifications
Description
Nominal
Range
Power
150 Watts
100-150 Watts
Current
11 amps (DC)
10-14 amps (DC)
Operating Voltage
11.7 Volts (DC)
10-13.6 Volts (DC)
Ignition Voltage
23 kilovolts (recommended minimum)
Temperature
120⁰ C (Maximum)
Lifetime*
1000 hours typical
Initial Output at Nominal Power
F= UV Filtered Output
Description
PE150AF
Radiant Output*
16 Watts
UV Output*
0.9 Watts
IR Output*
8 Watts
Visible Output*
1350 Lumens
Color Temperature
5900
o Kelvin
Peak Instabilities
4%
Physical Specifications
Description
Specification
Arc Gap
0.038 inch (0.96 mm)
Weight
100 grams
Window Diameter
0.77 inch (19.6 mm)
PE150AF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com