Electronic Components Datasheet Search
  English  ▼

X  

PE150AF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PE150AF
Description  CERMAX짰 XENON SHORT-ARC LAMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE150AF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PE150AF Datasheet HTML 1Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 2Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 3Page - List of Unclassifed Manufacturers PE150AF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PE150AF 03/2012 page 3 of 4
PE150AF
CERMAX® XENON SHORT-ARC LAMP
www.excelitas.com
PE150AF
* Nominal values at 150 watts after 2 hour burn-in.
NOTES:
1. Lamp must not be operated with window facing upwards within 45° of vertical.
2. Seal temperature must not exceed 120° C.
3. Current/power regulated power supplies and Excelitas lamp housing units are recommended.
4. Lamp must be operated within recommended current and power range. Over powering may lead to arc instability, hard starting
and premature aging.
6. Cermax
® Xenon lamps are much safer lamps to use than their quartz xenon arc lamp equivalents. However, caution must be
practiced when operating the lamps because they are under high pressure, require high voltage, reach temperatures up to 200° C,
and their IR and UV radiation can cause skin burns and eye damage. Please read hazard sheet included with each lamp shipment.
Mechanical Dimensions
Focused Output with a F/1.0 Lens
Description
Visible Output
Total Output*
3 mm aperture
700 Lumens
5.5 Watts
6 mm aperture
900 Lumens
8.0 Watts
PE150AF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com