Electronic Components Datasheet Search
  English  ▼

X  

DS2761AX Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2761AX Datasheet HTML 16Page - Dallas Semiconductor DS2761AX Datasheet HTML 17Page - Dallas Semiconductor DS2761AX Datasheet HTML 18Page - Dallas Semiconductor DS2761AX Datasheet HTML 19Page - Dallas Semiconductor DS2761AX Datasheet HTML 20Page - Dallas Semiconductor DS2761AX Datasheet HTML 21Page - Dallas Semiconductor DS2761AX Datasheet HTML 22Page - Dallas Semiconductor DS2761AX Datasheet HTML 23Page - Dallas Semiconductor DS2761AX Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DS2761
20 of 24
I/O SIGNALING
The 1-Wire bus requires strict signaling protocols to insure data integrity. The four protocols used by the
DS2761 are as follows: the initialization sequence (reset pulse followed by presence pulse), write 0, write
1, and read data. All of these types of signaling except the presence pulse are initiated by the bus master.
The initialization sequence required to begin any communication with the DS2761 is shown in Figure 17.
A presence pulse following a reset pulse indicates that the DS2761 is ready to accept a net address
command. The bus master transmits (Tx) a reset pulse for tRSTL. The bus master then releases the line and
goes into receive mode (Rx). The 1-Wire bus line is then pulled high by the pullup resistor. After
detecting the rising edge on the DQ pin, the DS2761 waits for tPDH and then transmits the presence pulse
for tPDL.
Figure 17. 1-WIRE INITIALIZATION SEQUENCE
WRITE-TIME SLOTS
A write-time slot is initiated when the bus master pulls the 1-Wire bus from a logic-high (inactive) level
to a logic-low level. There are two types of write-time slots: write 1 and write 0. All write-time slots must
be tSLOT (60ms to 120ms) in duration with a 1ms minimum recovery time, tREC, between cycles. The
DS2761 samples the 1-Wire bus line between 15ms and 60ms after the line falls. If the line is high when
sampled, a write 1 occurs. If the line is low when sampled, a write 0 occurs (see Figure 18). For the bus
master to generate a write 1 time slot, the bus line must be pulled low and then released, allowing the line
to be pulled high within 15ms after the start of the write time slot. For the host to generate a write 0 time
slot, the bus line must be pulled low and held low for the duration of the write-time slot.
READ-TIME SLOTS
A read-time slot is initiated when the bus master pulls the 1-Wire bus line from a logic-high level to a
logic-low level. The bus master must keep the bus line low for at least 1ms and then release it to allow the
DS2761 to present valid data. The bus master can then sample the data tRDV (15ms) from the start of the
read-time slot. By the end of the read-time slot, the DS2761 releases the bus line and allows it to be
pulled high by the external pullup resistor. All read-time slots must be tSLOT (60ms to 120ms) in duration
with a 1ms minimum recovery time, tREC, between cycles. See Figure 18 for more information.
tRSTL
tPDL
tRSTH
tPDH
PACK+
PACK-
LINE TYPE LEGEND:
BUS MASTER ACTIVE LOW
DS2761 ACTIVE LOW
RESISTOR PULLUP
BOTH BUS MASTER AND
DS2761 ACTIVE LOW
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com