Electronic Components Datasheet Search
  English  ▼

X  

DS2761AX Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2761AX Datasheet HTML 16Page - Dallas Semiconductor DS2761AX Datasheet HTML 17Page - Dallas Semiconductor DS2761AX Datasheet HTML 18Page - Dallas Semiconductor DS2761AX Datasheet HTML 19Page - Dallas Semiconductor DS2761AX Datasheet HTML 20Page - Dallas Semiconductor DS2761AX Datasheet HTML 21Page - Dallas Semiconductor DS2761AX Datasheet HTML 22Page - Dallas Semiconductor DS2761AX Datasheet HTML 23Page - Dallas Semiconductor DS2761AX Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
DS2761
24 of 24
ELECTRICAL CHARACTERISTICS:
1-WIRE INTERFACE
(-20
°C to +70°C, 2.5V £ VDD £ 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
ms
Recovery Time
tREC
1
ms
Write 0 Low Time
tLOW0
60
120
ms
Write 1 Low Time
tLOW1
115
ms
Read Data Valid
tRDV
15
ms
Reset Time High
tRSTH
480
ms
Reset Time Low
tRSTL
480
960
ms
Presence Detect High
tPDH
15
60
ms
Presence Detect Low
tPDL
60
240
ms
SWAP Timing Pulse Width
tSWL
0.2
120
ms
SWAP Timing Pulse Falling
Edge to DC Release
tSWOFF
01
ms
12
SWAP Timing Pulse Rising Edge
to DC Engage
tSWON
01
ms
12
DQ Capacitance
CDQ
60
pF
EEPROM RELIABILITY SPECIFICATION
(-20
°C to +70°C, 2.5V £ VDD £ 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Copy to EEPROM Time
tEEC
210
ms
EEPROM Copy Endurance
NEEC
25000
cycles
11
NOTES
1) All voltages are referenced to VSS.
2) See the Ordering Information section to determine the corresponding part number for each VOV value.
3) Internal current-sense resistor configuration.
4) External current-sense resistor configuration.
5) Self-heating due to output pin loading and sense resistor power dissipation can alter the reading from
ambient conditions.
6) Voltage offset measurement is with respect to VOV at +25°C.
7) The current register supports measurement magnitudes up to 2.56A using the internal sense resistor
option and 64mV with the external resistor option. Compensation of the internal sense resistor value
for process and temperature variation can reduce the maximum reportable magnitude to 1.9A.
8) Current offset error null to ±1LSB typically requires 3.5s in-system calibration by user.
9) Current gain error specification applies to gain error in converting the voltage difference at IS1 and
IS2, and excludes any error remaining after the DS2761 compensates for the internal sense resistor’s
temperature coefficient of 3700ppm/
°C to an accuracy of ±500ppm/°C. The DS2761 does not
compensate for external sense resistor characteristics, and any error terms arising from the use of an
external sense resistor should be taken into account when calculating total current measurement error.
10) Typical value for tERR is at 3.6V and +25
°C.
11) Four year data retention at +70
°C.
12) Typical load capacitance on DC and CC is 1000pF.
13)
Test conditions are PLS = 4.1V, VDD = 2.5V. Maximum current for conditions of PLS = 15V,
VDD = 0V is 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com