Electronic Components Datasheet Search
  English  ▼

X  

DS2761AX Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2761AX Datasheet HTML 16Page - Dallas Semiconductor DS2761AX Datasheet HTML 17Page - Dallas Semiconductor DS2761AX Datasheet HTML 18Page - Dallas Semiconductor DS2761AX Datasheet HTML 19Page - Dallas Semiconductor DS2761AX Datasheet HTML 20Page - Dallas Semiconductor DS2761AX Datasheet HTML 21Page - Dallas Semiconductor DS2761AX Datasheet HTML 22Page - Dallas Semiconductor DS2761AX Datasheet HTML 23Page - Dallas Semiconductor DS2761AX Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DS2761
22 of 24
ABSOLUTE MAXIMUM RATINGS*
Voltage on PLS and CC Pin, Relative to VSS
-0.3V to +18V
Voltage on PIO Pin, Relative to VSS
-0.3V to +12V
Voltage on VIN and
PS, Relative to VSS
-0.3V to VDD + 0.3
Voltage on any Other Pin, Relative to VSS
-0.3V to +6V
Continuous Internal Sense Resistor Current
±2.5A
Pulsed Internal Sense Resistor Current
±50A for <100µs/sec, <1000 pulses
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDECJ-STD-020A
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC
OPERATING CONDITIONS
(-20
°C to +70°C, 2.5V £ VDD £ 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.5
5.5
V
1
Data Pin
DQ
-0.3
+5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-20
°C to +70°C, 2.5V £ VDD £ 5.5V)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Active Current
IACTIVE
DQ = VDD,
norm. operation
60
90
mA
Sleep Mode Current
ISLEEP
DQ = 0V,
no activity,
PS floating
12
mA
Input Logic High:
DQ, PIO
VIH
1.5
V
1
Input Logic High: PS
VIH
VDD -
0.2V
V1
Input Logic Low:
DQ, PIO
VIL
0.4
V
1
Input Logic Low: PS
VIL
0.2
V
1
Output Logic High:
CC
VOH
IOH = -0.1mA
VPLS -
0.4V
V1
Output Logic High:
DC
VOH
IOH = -0.1mA
VDD -
0.4V
V1
Output Logic Low:
CC , DC
VOL
IOL = 0.1mA
0.4
V
1
Output Logic Low:
DQ, PIO
VOL
IOL = 4mA
0.4
V
1
DQ Pulldown Current
IPD
1
mA
Input Resistance: VIN
RIN
5
M
W
Internal Current-Sense
Resistor
RSNS
+25
°C
20
25
30
m
W
DQ Low to Sleep time
tSLEEP
2.1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com