Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8432 Datasheet HTML 13Page - Analog Devices AD8432 Datasheet HTML 14Page - Analog Devices AD8432 Datasheet HTML 15Page - Analog Devices AD8432 Datasheet HTML 16Page - Analog Devices AD8432 Datasheet HTML 17Page - Analog Devices AD8432 Datasheet HTML 18Page - Analog Devices AD8432 Datasheet HTML 19Page - Analog Devices AD8432 Datasheet HTML 20Page - Analog Devices AD8432 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD8432
Rev. D | Page 17 of 32
DIFF
PROBE
RSH
RFB
CSH
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
499Ω
5pF
499Ω
5pF
X
Y
1MHz
MULTIPLIER
CH1
10MHz
OSCILLOSCOPE
INH
INL
AD8432
LNA1
OPL
OPH
Figure 61. Overdrive Recovery Measurements
50Ω
0.1µF
INH
OPL
OPH
0.1µF
INL
0.1µF
499Ω
5pF
0.1µF
5pF
499Ω
NETWORK
ANALYZER
OUT
0.1µF
RSH
CSH
RFB
AD8432
LNA1
Figure 62. Input Impedance vs. Frequency Measurements
50Ω
0.1µF
INH
OPL
OPH
0.1µF
INL
0.1µF
499Ω
0.1µF
NETWORK
ANALYZER
0.1µF
RSH
CSH
RFB
AD8432
LNA1
Figure 63. Output Impedance vs. Frequency Measurements
0.1µF
0.1µF
OPL1
OPH1
INH1
INL1
0.1µF
0.1µF
AD8129
G = 10
1kΩ
50Ω
1kΩ
–IN
+IN
OUT
SPECTRUM
ANALYZER
0.1µF
RFB
RS
AD8432
LNA1
Figure 64. Noise Figure Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com