Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8432 Datasheet HTML 15Page - Analog Devices AD8432 Datasheet HTML 16Page - Analog Devices AD8432 Datasheet HTML 17Page - Analog Devices AD8432 Datasheet HTML 18Page - Analog Devices AD8432 Datasheet HTML 19Page - Analog Devices AD8432 Datasheet HTML 20Page - Analog Devices AD8432 Datasheet HTML 21Page - Analog Devices AD8432 Datasheet HTML 22Page - Analog Devices AD8432 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD8432
Rev. D | Page 19 of 32
Table 5. Gain Setting Using a Pin-Strapping Technique and −3 dB Bandwidth for Each Gain Configuration
Differential
Gain (dB)
Single
Gain (dB)
−3 dB
BW (MHz)
RG1 (Ω)
RG2 (Ω)
RG3 (Ω)
RG4 (Ω)
RG5 (Ω)
RG6 (Ω)
RG7 (Ω)
12.04
6.02
200
12
12
Connect
GMH to GOH
Connect
GOH to OPH
24
Connect
GML to GOL
Connect
GOL to OPL
18.06
12.04
90
12
12
24
Connect
GOH to OPH
24
24
Connect
GOL to OPL
21.58
15.56
50
12
12
Connect
GMH to GOH
48
24
Connect
GML to GOL
48
24.08
18.06
32
12
12
24
48
24
24
48
The single-ended gain from INH to OPH (see Figure 65) is
defined as
G1
G4
G3
G2
G1
INH
OPH
R
R
R
R
R
G
The single-ended gain from INH to OPL is defined as
G1
G7
G6
G5
INH
OPL
R
R
R
R
G
The values of the seven gain resistors were chosen so that both
single-ended gains are equal. For example, to set a gain of
12.04 dB (G = ×4) differentially, the gain from INH to each
output (OPH, OPL) should be 6.02 dB (G = ×2).
INH to OPH: For RG1 = RG2 = RG, then
2
2
G
G
G1
G2
G1
INH
OPH
R
R
R
R
R
G
INH to OPL: For RG1 = RG and RG5 = 2 × RG, then
2
2
G
G
G1
G5
INH
OPL
R
R
R
R
G
ACTIVE INPUT RESISTANCE MATCHING
The AD8432 reduces noise and optimizes signal power transfer
by using active input termination to perform signal source
resistance matching.
The primary purpose of input impedance matching is to optimize
the input signal power transfer. With resistive termination, the
input noise increases due to the thermal noise of the terminating
resistor and the increased contribution of the input voltage
noise generator of the LNA. With active impedance matching,
however, the contributions of both are smaller than they are for
resistive termination by a factor of 1/(1 + ½ LNA) gain. The
noise figure (NF) for the three terminating schemes is shown in
Figure 67.
LNA
RIN
VIN
VOUT
RS
INH
UNTERMINATED
LNA
RIN
VIN
VOUT
RS
RS
INH
RESISTIVE
TERMINATION
LNA
RIN
VIN
VOUT
RS
RFB
INH
ACTIVE
IMPEDANCE MATCH
Figure 66. Input Resistance Matching
To achieve this active impedance match, connect a feedback
resistor, RFB, between the INH and OPL (see Figure 66). RIN is
given in Equation 1, where G/2 is the single-ended gain.
2
1
G
R
R
FB
IN
(1)
In addition, to further reduce the input resistance, there is an
internal resistance of 6.2 kΩ in parallel with the source resistance,
such that
INTERNAL
FB
IN
R
G
R
R
2
1 
(2)
Equation 3 should be used to calculate RFB accurately for a desired
input resistance and single-ended gain. Refer to Table 6 for
calculated results for RFB for several input resistance and gain
combinations.
kΩ
2
.
6
,
1
2
1
 
INTERNAL
INTERNAL
IN
IN
FB
R
R
R
G
R
R
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com