Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8432 Datasheet HTML 16Page - Analog Devices AD8432 Datasheet HTML 17Page - Analog Devices AD8432 Datasheet HTML 18Page - Analog Devices AD8432 Datasheet HTML 19Page - Analog Devices AD8432 Datasheet HTML 20Page - Analog Devices AD8432 Datasheet HTML 21Page - Analog Devices AD8432 Datasheet HTML 22Page - Analog Devices AD8432 Datasheet HTML 23Page - Analog Devices AD8432 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD8432
Data Sheet
Rev. D | Page 20 of 32
0
1
2
3
4
5
6
7
8
100
50
1k
RS (Ω)
(SIMULATED RESULTS)
ACTIVE IMPEDANCE
MATCH
UNTERMINATED
RESISTIVE TERMINATION
(RS = RIN)
Figure 67. Noise Figure vs. RS for Resistive, Active Match, and
Unterminated Inputs
0
2
6
4
8
10
12
14
16
18
100
50
1k
RS (Ω)
(SIMULATED RESULTS)
RIN = UNTERMINATED
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
RIN = 1kΩ
Figure 68. Noise Figure vs. RS for Various Values of RIN, Actively Matched
The user must determine the level of matching accuracy desired
and adjust RFB accordingly. The RFB and CFB network presents a
load to OPL that OPH does not see. The user can add an identical
load on OPH to improve slightly the distortion caused by this
imbalance.
There is a feedback capacitor (CFB) in series with RFB (see
Figure 65) because the dc levels of the positive output and the
positive input are different. At higher frequencies, the value
of the feedback capacitor must be considered.
The unterminated bandwidth (RFB = ∞) is 200 MHz. The AD8432
has a low input-referred voltage noise of 0.85 nV/√Hz at the
lowest gain, 12.04 dB (unterminated configuration). To achieve
such low noise, the dual amplifier consumes 24 mA, resulting in
a power consumption of 120 mW.
Table 6. Feedback Resistance for Several RIN and Gain Combinations
Desired RIN (Ω)
Differential Gain (V/V)
Single-Ended Gain,
G/2 (V/V)
Exact RFB (Ω),
Equation 2
RFB (Ω), 1% Standard Value
Actual RIN (Ω),
Equation 2
50
4
2
151.2
150
49.6
75
4
2
227.8
226
74.4
100
4
2
304.9
301
98.7
200
4
2
620
619
199.7
1 k
4
2
3.58 k
3.57 k
998.4
50
8
4
252
250
49.6
100
8
4
508.2
511
100.5
50
12
6
352.9
357
50.6
100
12
6
711.5
715
100.5
50
16
8
453.7
453
49.9
100
16
8
914.8
909
99.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com