Electronic Components Datasheet Search
  English  ▼

X  

ADL5240 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5240
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5240 Datasheet HTML 7Page - Analog Devices ADL5240 Datasheet HTML 8Page - Analog Devices ADL5240 Datasheet HTML 9Page - Analog Devices ADL5240 Datasheet HTML 10Page - Analog Devices ADL5240 Datasheet HTML 11Page - Analog Devices ADL5240 Datasheet HTML 12Page - Analog Devices ADL5240 Datasheet HTML 13Page - Analog Devices ADL5240 Datasheet HTML 14Page - Analog Devices ADL5240 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADL5240
Rev. A | Page 11 of 28
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
0dB
31.5dB
Figure 9. DSA: Attenuation vs. Frequency
–36
–31
–26
–21
–16
–11
–6
–1
0.1
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
0dB
4dB
8dB
16dB
31.5dB
–40°C
+25°C
+85°C
Figure 10. DSA: Attenuation vs. Frequency and Temperature
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
32
28
24
20
16
12
8
4
ATTENUATION (dB)
450MHz
748MHz
943MHz
1960MHz
2140MHz
2630MHz
3600MHz
Figure 11. DSA: Step Error vs. Attenuation
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
3.3
3.7
4.1
FREQUENCY (GHz)
31.5dB
30.5dB
16dB
31dB
Figure 12. DSA: Step Error vs. Frequency, All Attenuation States
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
32
28
24
20
16
12
8
4
ATTENUATION (dB)
450MHz
748MHz
943MHz
1960MHz
2140MHz
2630MHz
3600MHz
Figure 13. DSA: Absolute Error vs. Attenuation
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
4.1
0dB
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
31.5dB
Figure 14. DSA: Input Return Loss vs. Frequency, All States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com