Electronic Components Datasheet Search
  English  ▼

X  

ADL5240 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5240
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240 Datasheet(HTML) 2 Page - Analog Devices

  ADL5240 Datasheet HTML 1Page - Analog Devices ADL5240 Datasheet HTML 2Page - Analog Devices ADL5240 Datasheet HTML 3Page - Analog Devices ADL5240 Datasheet HTML 4Page - Analog Devices ADL5240 Datasheet HTML 5Page - Analog Devices ADL5240 Datasheet HTML 6Page - Analog Devices ADL5240 Datasheet HTML 7Page - Analog Devices ADL5240 Datasheet HTML 8Page - Analog Devices ADL5240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 8
 
ESD Caution.................................................................................. 8
 
Pin Configuration and Function Descriptions............................. 9
 
Typical Performance Characteristics ........................................... 10
 
Applications Information .............................................................. 16
 
Basic Layout Connections......................................................... 16
 
SPI Timing................................................................................... 18
 
Loop Performance...................................................................... 20
 
Amplifier Drive Level for Optimum ACLR............................ 22
 
Thermal Considerations............................................................ 22
 
Evaluation Board ............................................................................ 23
 
Outline Dimensions ....................................................................... 28
 
Ordering Guide .......................................................................... 28
 
REVISION HISTORY
6/13—Rev. 0 to Rev. A
Changes to Table 1.............................................................................4
Changes to Table 3.............................................................................9
Changes to Figure 3.........................................................................11
Changes to Figure 16.......................................................................12
Added Figure 29, Renumbered Sequentially ...............................14
Changes to Table 5, Figure 35, and Figure 36 ..............................18
Added Amplifier Drive Level for Optimum ACLR Section
and Figure 39....................................................................................22
Changes to Evaluation Board Section...........................................23
Changes to Figure 41 and Table 8..................................................24
Added Figure 42...............................................................................25
Changes to Figure 43 and Figure 44..............................................26
Added Figure 45...............................................................................27
7/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com