Electronic Components Datasheet Search
  English  ▼

X  

ADL5240 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5240
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5240 Datasheet HTML 17Page - Analog Devices ADL5240 Datasheet HTML 18Page - Analog Devices ADL5240 Datasheet HTML 19Page - Analog Devices ADL5240 Datasheet HTML 20Page - Analog Devices ADL5240 Datasheet HTML 21Page - Analog Devices ADL5240 Datasheet HTML 22Page - Analog Devices ADL5240 Datasheet HTML 23Page - Analog Devices ADL5240 Datasheet HTML 24Page - Analog Devices ADL5240 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADL5240
Rev. A | Page 21 of 28
NC
VDD
NC
NC
NC
DSAOUT
NC
NC
NC
NC
VDD
DSAIN
ADL5240
NC
NC
NC
NC
SERIAL PARALLEL INTERFACE
68pF
1.2nF
470nH
VDD
100pF
VDD
0.1µF
RFOUT
0.1µF
RFIN
1µF
VCC
C1
C3
C4
C5
C6
C7
C2
100pF
L1
1
2
3
4
5
6
7
8
9 10
16
15
14
13
12
11
24
23
22
21
20
19
18
17
32 31
25
26
27
28
29
30
Figure 38. AMP-DSA Loop Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com