Electronic Components Datasheet Search
  English  ▼

X  

MMRF1008HS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF1008HS
Description  RF Power Field Effect Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1008HS Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF1008HS Datasheet HTML 1Page - NXP Semiconductors MMRF1008HS Datasheet HTML 2Page - NXP Semiconductors MMRF1008HS Datasheet HTML 3Page - NXP Semiconductors MMRF1008HS Datasheet HTML 4Page - NXP Semiconductors MMRF1008HS Datasheet HTML 5Page - NXP Semiconductors MMRF1008HS Datasheet HTML 6Page - NXP Semiconductors MMRF1008HS Datasheet HTML 7Page - NXP Semiconductors MMRF1008HS Datasheet HTML 8Page - NXP Semiconductors MMRF1008HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MMRF1008H MMRF1008HS MMRF1008GH
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 275 W Peak (27.5 W Avg.), f = 1030 MHz,
Pulse, 128 sec Pulse Width, 10% Duty Cycle
Power Gain
Gps
19
20.3
22
dB
Drain Efficiency
D
63
65.5
—
%
Input Return Loss
IRL
—
--14
--9
dB
Typical Broadband Performance — 960--1215 MHz (In Freescale 960--1215 MHz Test Fixture, 50 ohm system) VDD =50 Vdc,
IDQ = 100 mA, Pout = 250 W Peak (25 W Avg.), f = 960--1215 MHz, Pulse, 128 sec Pulse Width, 10% Duty Cycle
Power Gain
Gps
—
19.8
—
dB
Drain Efficiency
D
—
58
—
%
Table 5. Ordering Information
Device
Tape and Reel Information
Package
MMRF1008HR5
R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel
NI--780H--2L
MMRF1008HSR5
NI--780S--2L
MMRF1008GHR5
NI--780GH--2L
1. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GH) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com