Electronic Components Datasheet Search
  English  ▼

X  

MMRF1008HS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF1008HS
Description  RF Power Field Effect Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1008HS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF1008HS Datasheet HTML 2Page - NXP Semiconductors MMRF1008HS Datasheet HTML 3Page - NXP Semiconductors MMRF1008HS Datasheet HTML 4Page - NXP Semiconductors MMRF1008HS Datasheet HTML 5Page - NXP Semiconductors MMRF1008HS Datasheet HTML 6Page - NXP Semiconductors MMRF1008HS Datasheet HTML 7Page - NXP Semiconductors MMRF1008HS Datasheet HTML 8Page - NXP Semiconductors MMRF1008HS Datasheet HTML 9Page - NXP Semiconductors MMRF1008HS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMRF1008H MMRF1008HS MMRF1008GH
TYPICAL CHARACTERISTICS
50
0.1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
10
1
40
Coss
Crss
Measured with 30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
100
0
160
0
VDD =50 Vdc,IDQ = 100 mA
f = 1030 MHz, Pulse Width = 128 sec
10
100
DUTY CYCLE (%)
Figure 5. Safe Operating Area
25
40
140
120
80
60
40
20
520
15
30
35
Pout = 275 W
Pout = 200 W
Pout = 250 W
24
50
30
100
22
20
70
60
50
40
Pout, OUTPUT POWER (WATTS) PEAK
Figure 6. Power Gain and Drain Efficiency
versus Output Power
D
16
400
Gps
18
VDD =50 Vdc,IDQ = 100 mA, f = 1030 MHz
Pulse Width = 128 sec, Duty Cycle = 10%
60
28
55
54
53
Pin, INPUT POWER (dBm) PEAK
Figure 7. Output Power versus Input Power
56
52
51
50
49
30
32
34
36
38
40
P3dB = 55.29 dBm (338 W)
Actual
Ideal
P1dB = 54.76 dBm (299 W)
48
VDD =50 Vdc,IDQ = 100 mA, f = 1030 MHz
Pulse Width = 128 sec, Duty Cycle = 10%
57
58
59
17
22
50
21
Pout, OUTPUT POWER (WATTS) PEAK
Figure 8. Power Gain versus Output Power
100
20
IDQ = 400 mA
400
300 mA
19
18
200 mA
100 mA
VDD = 50 Vdc, f = 1030 MHz
Pulse Width = 128 sec, Duty Cycle = 10%
Figure 9. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEAK
VDD =30 V
15
22
50
16
21
35 V
20
45 V
100
400
50 V
19
18
17
40 V
IDQ = 100 mA, f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com