Electronic Components Datasheet Search
  English  ▼

X  

MMRF1014N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1014N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1014N Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1014N Datasheet HTML 1Page - NXP Semiconductors MMRF1014N Datasheet HTML 2Page - NXP Semiconductors MMRF1014N Datasheet HTML 3Page - NXP Semiconductors MMRF1014N Datasheet HTML 4Page - NXP Semiconductors MMRF1014N Datasheet HTML 5Page - NXP Semiconductors MMRF1014N Datasheet HTML 6Page - NXP Semiconductors MMRF1014N Datasheet HTML 7Page - NXP Semiconductors MMRF1014N Datasheet HTML 8Page - NXP Semiconductors MMRF1014N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1014NT1
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =68 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
500
nAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =50 mAdc)
VGS(th)
1.2
2
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, ID =50 mAdc)
VGS(Q)
—
2.7
—
Vdc
Fixture Gate Quiescent Voltage (1)
(VDD =28 Vdc, ID = 50 mAdc, Measured in Functional Test)
VGG(Q)
2.2
3
4.2
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =50 mAdc)
VDS(on)
—
0.27
0.37
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
21
—
pF
Output Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
25
—
pF
Input Capacitance
(VDS =28 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
30
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ =50 mA, Pout = 4 W PEP, f1 = 1960 MHz,
f2 = 1960.1 MHz, Two--Tone Test
Power Gain
Gps
16.5
18
20
dB
Drain Efficiency
D
28
33
—
%
Intermodulation Distortion
IMD
—
--34
--28
dBc
Input Return Loss
IRL
—
--12
--10
dB
Typical Performance (In Freescale 900 MHz Demo Board, 50 ohm system) VDD =28 Vdc, IDQ =50 mA, Pout = 4 W PEP,
f = 900 MHz, Two--Tone Test, 100 kHz Tone Spacing
Power Gain
Gps
—
19
—
dB
Drain Efficiency
D
—
33
—
%
Intermodulation Distortion
IMD
—
--39
—
dBc
Input Return Loss
IRL
—
--12
—
dB
1. VGG = 11/10 xVGS(Q). Parameter measured on Freescale Test Fixture, due to resistive divider network on the board.
Refer to Test Circuit Schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com