Electronic Components Datasheet Search
  English  ▼

X  

MMRF1014N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF1014N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1014N Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF1014N Datasheet HTML 1Page - NXP Semiconductors MMRF1014N Datasheet HTML 2Page - NXP Semiconductors MMRF1014N Datasheet HTML 3Page - NXP Semiconductors MMRF1014N Datasheet HTML 4Page - NXP Semiconductors MMRF1014N Datasheet HTML 5Page - NXP Semiconductors MMRF1014N Datasheet HTML 6Page - NXP Semiconductors MMRF1014N Datasheet HTML 7Page - NXP Semiconductors MMRF1014N Datasheet HTML 8Page - NXP Semiconductors MMRF1014N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MMRF1014NT1
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
--28
--16
--20
--24
1990
1930
IRL
Gps
f, FREQUENCY (MHz)
Figure 4. Two--Tone Wideband Performance
@Pout = 2 Watts Avg.
1980
1970
1960
1950
1940
18.4
18.2
--35
34
33
32
--31
--33
D
18
17.8
17.6
17.2
16.4
16.8
17.4
--32
--30
31
--12
IM3
Pout, OUTPUT POWER (WATTS) PEP
14
20
1
IDQ =75 mA
19
17
16
10
20
Figure 5. Two--Tone Power Gain versus
Output Power
10
--80
--10
0.01
7th Order
VDD =28 Vdc,IDQ =50 mA
f1 = 1960 MHz, f2 = 1960.1 MHz
Two--Tone Measurements
5th Order
3rd Order
1
--20
--30
--40
--50
--60
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
10
--60
--25
0.1
7th Order
TWO--TONE SPACING (MHz)
5th Order
3rd Order
--30
--35
--40
--45
--50
1
100
Figure 7. Intermodulation Distortion Products
versus Tone Spacing
26
47
P3dB = 38.22 dBm (6.637 W)
Pin, INPUT POWER (dBm)
VDD =28 Vdc,IDQ =50 mA
Pulsed CW, 8 sec(on), 1 msec(off)
f = 1960 MHz
43
41
37
35
33
16
18
22
Actual
Ideal
24
14
Figure 8. Pulsed CW Output Power versus
Input Power
18
50 mA
62.5 mA
P1dB = 37.61 dBm (5.768 W)
--55
0.01
VDD =28 Vdc,Pout =2 W(Avg.)
IDQ = 50 mA, 100 kHz Tone Spacing
17
16.6
30
--34
--8
15
0.1
VDD =28 Vdc
f1 = 1960 MHz, f2 = 1960.1 MHz
Two--Tone Measurements
37.5 mA
25 mA
--70
0.1
VDD =28 Vdc,Pout =2 W(Avg.), IDQ =50 mA
(f1 + f2)/2 = Center Frequency of 1960 MHz
45
39
20
P6dB = 38.73 dBm (7.465 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com