Electronic Components Datasheet Search
  English  ▼

X  

MMRF1014N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1014N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1014N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1014N Datasheet HTML 1Page - NXP Semiconductors MMRF1014N Datasheet HTML 2Page - NXP Semiconductors MMRF1014N Datasheet HTML 3Page - NXP Semiconductors MMRF1014N Datasheet HTML 4Page - NXP Semiconductors MMRF1014N Datasheet HTML 5Page - NXP Semiconductors MMRF1014N Datasheet HTML 6Page - NXP Semiconductors MMRF1014N Datasheet HTML 7Page - NXP Semiconductors MMRF1014N Datasheet HTML 8Page - NXP Semiconductors MMRF1014N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MMRF1014NT1
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
Designed for Class A or Class AB power amplifier applications with
frequencies up to 2000 MHz. Suitable for analog and digital modulation and
multicarrier amplifier applications.
 Typical Two--Tone Performance @ 1960 MHz, 28 Vdc, IDQ =50 mA,
Pout = 4 W PEP
Power Gain — 18 dB
Drain Efficiency — 33%
IMD — --34 dBc
 Typical Two--Tone Performance @ 900 MHz, 28 Vdc, IDQ =50 mA,
Pout = 4 W PEP
Power Gain — 19 dB
Drain Efficiency — 33%
IMD — --39 dBc
 Capable of Handling 5:1 VSWR @ 28 Vdc, 1960 MHz, 4 W CW Output Power
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 On--Chip RF Feedback for Broadband Stability
 Integrated ESD Protection
 In Tape and Reel. T1 Suffix = 1,000 Units,16 mm Tape Width, 7--inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +68
Vdc
Gate--Source Voltage
VGS
--0.5, +12
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Operating Junction Temperature
TJ
150
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 76C, 4 W PEP, Two--Tone
Case Temperature 79C, 4 W CW
RJC
8.8
8.5
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1C
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
IV
1. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMRF1014N
Rev. 0, 7/2014
Freescale Semiconductor
Technical Data
MMRF1014NT1
1--2000 MHz, 4 W, 28 V
CLASS A/AB
RF POWER MOSFET
PLD--1.5
PLASTIC
Figure 1. Pin Connections
Note: The center pad on the backside of
the package is the source terminal
for the transistor.
Drain
Gate
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MMRF1014N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1011H NXP-MMRF1011H Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HR5 NXP-MMRF1011HR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HSR5 NXP-MMRF1011HSR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1012N NXP-MMRF1012N Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
MMRF1012NR1 NXP-MMRF1012NR1 Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - MMRF1014N

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com