Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-4 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6752ISC6-4
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-4 Datasheet(HTML) 1 Page - Analog Devices

  LTC6752ISC6-4 Datasheet HTML 1Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 2Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 3Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 4Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 5Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 6Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 7Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 8Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
1
6752fc
For more information www.linear.com/LTC6752
Typical applicaTion
FeaTures
DescripTion
280MHz, 2.9ns Comparator
Family with Rail-to-Rail Inputs
and CMOS Outputs
The LTC®6752 is a family of very high speed comparators
capable of supporting toggle rates up to 280MHz. These
comparators exhibit low propagation delays of 2.9ns, and
fast rise/fall times of 1.2ns. There are a total of 5 members
in the LTC6752 family, with different options for separate
input and output supplies, shutdown, output latch, adjust-
able hysteresis, complementary outputs, and package.
The LTC6752 comparators have rail-to-rail inputs that
operate from 2.45V, up to 3.5V or 5.25V, depending on
the option. The outputs are CMOS and the separate supply
options can operate down to 1.71V, allowing for directly
interfacing to 1.8V logic devices.
The low propagation delay of only 2.9ns combined with
low dispersion of only 1.8ns (10mV to 125mV overdrive
variation) makes these comparators an excellent choice
for critical timing applications. Similarly, the fast toggle
rate and the low jitter of 4.5ps RMS (100mVP-P, 100MHz
input) make the LTC6752 family ideally suited for high
frequency line driver and clock recovery circuits.
applicaTions
n
Very High Toggle Rate: 280MHz
n
Low Propagation Delay: 2.9ns
n
Rail-to-Rail Inputs Extend Beyond Both Rails
n
Output Current Capability: ±22mA
n
Low Quiescent Current: 4.5mA
n
Features within the LTC6752 Family:
n
2.45V to 5.25V Input Supply and 1.71V to 3.5V
Output Supply (Separate Supply Option)
n
2.45V to 3.5V Supply (Single Supply Option)
n
Shutdown Pin for Reduced Power
n
Output Latch and Adjustable Hysteresis
n
Complementary Outputs
n
Packages: TSOT-23, SC70, MSOP, 3mm × 3mm QFN
n
Direct Replacement for ADCMP60X Family
n
Fully Specified from –55°C to 125°C
n
Clock and Data Recovery
n
Level Shifting
n
High Speed Data Acquisition Systems
n
Window Comparators
n
High Speed Line Receivers
n
Fast Crystal Oscillators
n
Time of Flight Measurements
n
Time Domain Reflectometry
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
500mV/DIV
–IN +IN
Q
50ns/DIV
6752 T01a
High Speed Differential Line Receiver with Excellent
Common Mode Rejection
VCC = 5V
–
+
Q
6752 T01a
SMALL DIFFERENTIAL SIGNAL WITH
LARGE COMMON MODE COMPONENT
VEE
+IN
–IN
LTC6752-2
VDD = 2.7V


Similar Part No. - LTC6752ISC6-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
logo
Linear Technology
LTC6752-1 LINER-LTC6752-1 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752ISC6-4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
Temperature-Insensitive Comparator with Rail-to-Rail
logo
Linear Technology
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com