Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-4 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6752ISC6-4
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-4 Datasheet(HTML) 2 Page - Analog Devices

  LTC6752ISC6-4 Datasheet HTML 1Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 2Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 3Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 4Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 5Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 6Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 7Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 8Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
2
6752fc
For more information www.linear.com/LTC6752
absoluTe MaxiMuM raTings
Total Supply Voltage (VCC to VEE)
(LTC6752-2/LTC6752-3/LTC6752-4)....................5.5V
(LTC6752/LTC6752-1)..........................................3.6V
Total Supply Voltage (VDD to VEE)............................3.6V
Input Current (+IN, –IN, SHDN, LE/HYST)
(Note 2)................................................................ ±10mA
Output Current (Q, Q) (Note 3)............................ ±50mA
Specified Temperature Range (Note 4)
LTC6752I .............................................–40°C to 85°C
LTC6752H.......................................... –40°C to 125°C
LTC6752MP ....................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
Maximum Junction Temperature (Note 3)............. 150°C
Lead Temperature Soldering (10s) ........................300°C
(Note 1)
LTC6752
LTC6752-1
LTC6752-2
Q 1
VEE 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 VCC
4 –IN
TJMAX = 150°C, JA = 215°C/W (NOTE 3)
Q 1
VEE 2
+IN 3
6 VCC
5 LE/HYST
4 –IN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
WITH LATCHING/ADJUSTABLE HYSTERESIS
TJMAX = 150°C, θJA = 270°C/W (NOTE 3)
1
2
3
4
VCC
+IN
–IN
SHDN
8
7
6
5
VDD
Q
VEE
LE/HYST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W (NOTE 3)
LTC6752-3
LTC6752-4
12 11 10
4
5
6
TOP VIEW
13
VEE
UD PACKAGE
12-LEAD (3mm
× 3mm) PLASTIC QFN
7
8
9
3
2
1
VDD
VCC
VEE
VEE
LE/HYST
SHDN
TJMAX = 150°C, θJA = 68°C/W (NOTE 3)
EXPOSED PAD (PIN 13) IS VEE, MUST BE SOLDERED TO PCB
Q 1
VEE 2
+IN 3
6 VCC
5 VDD
4 –IN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
WITH SEPARATE INPUT/OUTPUT SUPPLIES
TJMAX = 150°C, θJA = 270°C/W (NOTE 3)
pin conFiguraTion
Table 1. Features and Part Numbers
PART#
LATCHING/ADJUSTABLE
HYSTERESIS
SEPARATE INPUT/
OUTPUT SUPPLIES
SHUTDOWN
COMPLEMENTARY
OUTPUTS
PACKAGE OFFERING
LTC6752
TSOT-23-5
LTC6752-1
l
SC70-6
LTC6752-2
l
l
l
MS8
LTC6752-3
l
l
l
l
3mm × 3mm QFN
LTC6752-4
l
SC70-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com