Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-4 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6752ISC6-4
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-4 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6752ISC6-4 Datasheet HTML 6Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 7Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 8Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 9Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 10Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 11Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 12Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 13Page - Analog Devices LTC6752ISC6-4 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
10
6752fc
For more information www.linear.com/LTC6752
Typical perForMance characTerisTics Dc
Input Bias Current vs Differential
Input Voltage
Input Hysteresis vs LE/HYST Pin
Voltage
LE/HYST Pin I-V Characteristics
INPUT DIFFERENTIAL VOLTAGE (V)
–5.4
1.0
0.5
–0.5
–1.5
–2.5
0
–1.0
–2.0
–3.0
–3.5
–0.6
4.2
–3.0
1.8
6752 G07
5.4
–1.8
3.0
–4.2
0.6
VCC = 5V
VDD = 2.5V
VCM = 2.5V
–IN
+IN
LE/HYST VOLTAGE (V)
0.75
50
40
20
30
10
0
1.50
1.25
6752 G08
1.75
1.00
LE/HYST PIN VOLTAGE (V)
–0.3
200
150
0
100
50
–50
–100
4.5
1.3
2.1
2.9
3.7
6752 G09
5.3
0.5
VCC = 2.5V
VCC = 5V
Input Offset Voltage and
Hysteresis vs Input Common Mode
Input Bias Current vs Temperature
Input Bias Current vs Common
Mode Voltage
Input Offset Voltage and
Hysteresis vs Temperature
Input Offset Voltage and
Hysteresis vs VCC Voltage
Input Offset Voltage and
Hysteresis vs VDD Voltage
VCC = VDD = 2.5V, CLOAD = 5pF,
VOVERDRIVE = 50mV, VCM = 300mV,TA = 25°C unless otherwise noted. VCC ≠ VDD conditions applicable only to the LTC6752-2/LTC6752-3/
LTC6752-4.
TEMPERATURE (°C)
–55
8
6
4
0
2
–2
–4
25
105
–15
65
6752 G01
125
5
85
–35
45
VHYST
VOS
INPUT COMMON MODE VOLTAGE (V)
6752 G04
HYSTERESIS
OFFSET
–0.2
7
–2
4
2
6
5
3
1
–1
–3
0
1.0
1.8
0.2
1.4
2.2
2.6
0.6
INPUT COMMON MODE VOLTAGE (V)
6752 G06
VIN = VOS
–0.2
0.5
–1.0
0
–0.5
–1.5
–2.0
1.0
1.8
0.2
1.4
2.2
2.6
0.6
0.8
0.6
0.2
–0.4
–0.8
–1.2
0.4
–0.2
–0.6
–1.0
0
–1.4
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G05
125
5
85
–35
45
VCM = 2.2V
VCM = 300mV
VCC VOLTAGE (V)
2.45
6
5
4
2
3
1
0
4.55
3.85
6752 G02
5.25
3.15
HYSTERESIS
OFFSET
VDD VOLTAGE (V)
1.6
7
6
5
4
2
3
1
0
3.1
2.6
6752 G03
3.6
2.1
HYSTERESIS
OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com