Electronic Components Datasheet Search
  English  ▼

X  

DSLVDS1002DBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # DSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSLVDS1002DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button DSLVDS1002DBVT Datasheet HTML 12Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 13Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 14Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 15Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 16Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 17Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 18Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 19Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
t 2 W
W
W
W
Minimum spacing as
defined by PCB vendor
LVDS
Pair
TTL/CMOS
Trace
Differential Traces
Single-Ended Traces
S =
Layer 4: Routed Plane (TTL Signals)
Layer 3: Power Plane
Layer 2: Ground Plane
Layer 1: Routed Plane (LVDS Signals)
Layer 4: Ground Plane
Layer 5: Ground Plane
Layer 4: Routed Plane (TTL/CMOS Signals)
Layer 3: Power Plane
Layer 2: Ground Plane
Layer 1: Routed Plane (LVDS Signals)
16
DSLVDS1002
SNLS619 – JULY 2018
www.ti.com
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Layout Guidelines (continued)
12.1.1.3 Recommended Stack Layout
Following the choice of dielectrics and design specifications, you must decide how many levels to use in the
stack. To reduce the LVCMOS/LVTTL to LVDS crosstalk, it is a good practice to have at least two separate
signal planes as shown in Figure 9.
Figure 9. Four-Layer PCB Board
NOTE
The separation between layers 2 and 3 should be 127 μm (0.005 in). By keeping the
power and ground planes tightly coupled, the increased capacitance acts as a bypass for
transients.
One of the most common stack configurations is the six-layer board, as shown in Figure 10.
Figure 10. Six-Layer PCB Board
In this particular configuration, it is possible to isolate each signal layer from the power plane by at least one
ground plane. The result is improved signal integrity; however, fabrication is more expensive. Using the 6-layer
board is preferable, because it offers the layout designer more flexibility in varying the distance between signal
layers and referenced planes, in addition to ensuring reference to a ground plane for signal layers 1 and 6.
12.1.1.4 Separation Between Traces
The separation between traces depends on several factors; however, the amount of coupling that can be
tolerated usually dictates the actual separation. Low noise coupling requires close coupling between the
differential pair of an LVDS link to benefit from the electromagnetic field cancellation. The traces should be 100-
Ω
differential and thus coupled in the manner that best fits this requirement. In addition, differential pairs should
have the same electrical length to ensure that they are balanced, thus minimizing problems with skew and signal
reflection.
In the case of two adjacent single-ended traces, one should use the 3-W rule, which stipulates that the distance
between two traces must be greater than two times the width of a single trace, or three times its width measured
from trace center to trace center. This increased separation effectively reduces the potential for crosstalk. The
same rule should be applied to the separation between adjacent LVDS differential pairs, whether the traces are
edge-coupled or broad-side-coupled.
Figure 11. 3-W Rule for Single-Ended and Differential Traces (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com