Electronic Components Datasheet Search
  English  ▼

X  

DSLVDS1002DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # DSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSLVDS1002DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 10Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 11Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 12Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 13Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 14Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
EP Blue
VCC
GND
DSLVDS1002
Receiver
Driver
LVCMOS/LVTTL OUT
IN +
IN -
DSLVDS1001
11
DSLVDS1002
www.ti.com
SNLS619 – JULY 2018
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The DSLVDS1002 device is a single-channel LVDS receiver. The functionality of this device is simple, yet
extremely flexible, leading to its use in designs ranging from wireless base stations to desktop computers. The
varied class of potential applications share features and applications discussed in the paragraphs below.
10.2 Typical Application
10.2.1 Point-to-Point Communications
The most basic application for LVDS buffers, as found in this data sheet, is for point-to-point communications of
digital data, as shown in Figure 4.
Figure 4. Typical Application
A point-to-point communications channel has a single transmitter (driver) and a single receiver. This
communications topology is often referred to as simplex. In Figure 4 the driver receives a single-ended input
signal and the receiver outputs a single-ended recovered signal. The LVDS driver converts the single-ended
input to a differential signal for transmission over a balanced interconnecting media of 100-Ω characteristic
impedance. The conversion from a single-ended signal to an LVDS signal retains the digital data payload while
translating to a signal whose features are more appropriate for communication over extended distances or in a
noisy environment.
10.2.2 Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUE
Receiver Supply Voltage (VCC)
3.0 to 3.6 V
Receiver Output Voltage
0 to 3.6 V
Signaling Rate
0 to 400 Mbps
Interconnect Characteristic Impedance
100 Ω
Termination Resistance
100 Ω
Number of Receiver Nodes
1
Ground shift between driver and receiver
±1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com