Electronic Components Datasheet Search
  English  ▼

X  

DSLVDS1002DBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # DSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSLVDS1002DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button DSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 10Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 11Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 12Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 13Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 14Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 15Page - Texas Instruments DSLVDS1002DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
0.1 µF
0.001 µF
3.3 V
LVDS
1A
C
200 ps
0.001 F
0.2V
æ
ö
=
´
=
m
ç
÷
è
ø
Maximum Step Change Supply Current
chip
Rise Time
Maximum Power Supply Noise
I
C
T
V
D
æ
ö
=
´
ç
÷
D
è
ø
12
DSLVDS1002
SNLS619 – JULY 2018
www.ti.com
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Howard Johnson & Martin Graham.1993. High Speed Digital Design – A Handbook of Black Magic. Prentice Hall PRT. ISBN number
013395724.
10.2.3 Detailed Design Procedure
10.2.3.1 Receiver Bypass Capacitance
Bypass capacitors play a key role in power distribution circuitry. Specifically, they create low-impedance paths
between power and ground. At low frequencies, a good digital power supply offers very low-impedance paths
between its terminals. However, as higher frequency currents propagate through power traces, the source is
quite often incapable of maintaining a low-impedance path to ground. Bypass capacitors are used to address this
shortcoming. Usually, large bypass capacitors (10 μF to 1000 μF) at the board-level do a good job up into the
kHz range. Due to their size and length of their leads, they tend to have large inductance values at the switching
frequencies of modern digital circuitry. To solve this problem, one must resort to the use of smaller capacitors
(nF to μF range) installed locally next to the integrated circuit.
Multilayer ceramic chip or surface-mount capacitors (size 0603 or 0805) minimize lead inductances of bypass
capacitors in high-speed environments, because their lead inductance is about 1 nH. For comparison purposes,
a typical capacitor with leads has a lead inductance around 5 nH.
The value of the bypass capacitors used locally with LVDS chips can be determined by the following formula
according to Johnson(1), equations 8.18 to 8.21. A conservative rise time of 200 ps and a worst-case change in
supply current of 1 A covers the whole range of LVDS devices offered by Texas Instruments. In this example, the
maximum power supply noise tolerated is 200 mV; however, this figure varies depending on the noise budget
available in your design. (1)
(1)
(2)
The following example lowers lead inductance and covers intermediate frequencies between the board-level
capacitor (>10 µF) and the value of capacitance found above (0.001 µF). You should place the smallest value of
capacitance as close as possible to the chip.
Figure 5. Recommended LVDS Bypass Capacitor Layout
10.2.3.2 Interconnecting Media
The physical communication channel between the driver and the receiver may be any balanced paired metal
conductors meeting the requirements of the LVDS standard, the key points which will be included here. This
media may be a twisted pair, twinax, flat ribbon cable, or PCB traces.
The nominal characteristic impedance of the interconnect should be between 100 Ω and 120 Ω with variation no
more than 10% (90 Ω to 132 Ω).
10.2.3.3 PCB Transmission Lines
As per SNLA187, Figure 6 depicts several transmission line structures commonly used in printed-circuit boards
(PCBs). Each structure consists of a signal line and a return path with uniform cross-section along its length. A
microstrip is a signal trace on the top (or bottom) layer, separated by a dielectric layer from its return path in a
ground or power plane. A stripline is a signal trace in the inner layer, with a dielectric layer in between a ground
plane above and below the signal trace. The dimensions of the structure along with the dielectric material
properties determine the characteristic impedance of the transmission line (also called controlled-impedance
transmission line).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com