Electronic Components Datasheet Search
  English  ▼

X  

LTC1744 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1744 Datasheet HTML 13Page - Linear Technology LTC1744 Datasheet HTML 14Page - Linear Technology LTC1744 Datasheet HTML 15Page - Linear Technology LTC1744 Datasheet HTML 16Page - Linear Technology LTC1744 Datasheet HTML 17Page - Linear Technology LTC1744 Datasheet HTML 18Page - Linear Technology LTC1744 Datasheet HTML 19Page - Linear Technology LTC1744 Datasheet HTML 20Page - Linear Technology LTC1744 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1744
1744f
APPLICATIO S I FOR ATIO
Any noise present on the encode signal will result in
additional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
In applications where jitter is critical (high input frequen-
cies) take the following into consideration:
1. Differential drive should be used.
2. Use as large an amplitude as possible; if transformer
coupled use a higher turns ratio to increase the
amplitude.
3. If the ADC is clocked with a sinusoidal signal, filter the
encode signal to reduce wideband noise.
4. Balance the capacitance and series resistance at both
encode inputs so that any coupled noise will appear at
both inputs as common mode noise.
The encode inputs have a common mode range of 1.8V to
VDD. Each input may be driven from ground to VDD for
single-ended drive.
1744 F08a
ENC
2V
VTHRESHOLD = 2V
ENC
0.1
µF
LTC1744
1744 F08b
ENC
ENC
130
Ω
3.3V
3.3V
130
Ω
D0
Q0
Q0
MC100LVELT22
LTC1744
83
Ω
83
Ω
Figure 8a. Single-Ended ENC Drive,
Not Recommended for Low Jitter
Figure 8b. ENC Drive Using a CMOS-to-PECL Translator
Maximum and Minimum Encode Rates
The maximum encode rate for the LTC1744 is 50Msps. For
the ADC to operate properly the ENCODE signal should
have a 50% (
±5%) duty cycle. Each half cycle must have
at least 9.5ns for the ADC internal circuitry to have enough
settling time for proper operation. Achieving a precise
50% duty cycle is easy with differential sinusoidal drive
using a transformer or using symmetric differential logic
such as PECL or LVDS. When using a single-ended
ENCODE signal asymmetric rise and fall times can result
in duty cycles that are far from 50%.
At sample rates slower than 50Msps the duty cycle can
vary from 50% as long as each half cycle is at least 9.5ns.
The lower limit of the LTC1744 sample rate is determined
by droop of the sample-and-hold circuits. The pipelined
architecture of this ADC relies on storing analog signals on
small valued capacitors. Junction leakage will discharge
the capacitors. The specified minimum operating fre-
quency for the LTC1744 is 1Msps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com