Electronic Components Datasheet Search
  English  ▼

X  

LTC1744 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1744 Datasheet HTML 16Page - Linear Technology LTC1744 Datasheet HTML 17Page - Linear Technology LTC1744 Datasheet HTML 18Page - Linear Technology LTC1744 Datasheet HTML 19Page - Linear Technology LTC1744 Datasheet HTML 20Page - Linear Technology LTC1744 Datasheet HTML 21Page - Linear Technology LTC1744 Datasheet HTML 22Page - Linear Technology LTC1744 Datasheet HTML 23Page - Linear Technology LTC1744 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LTC1744
1744f
FW Package
48-Lead Plastic TSSOP (6.1mm)
(Reference LTC DWG # 05-08-1651)
PACKAGE DESCRIPTIO
FW48 TSSOP 0502
0.09 – 0.20
(.0035 – .008)
0
° – 8°
0.45 – 0.75
(.018 – .029)
0.17 – 0.27
(.0067 – .0106)
0.50
(.0197)
BSC
6.0 – 6.2**
(.236 – .244)
7.9 – 8.3
(.311 – .327)
13 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
12.4 – 12.6*
(.488 – .496)
1.20
(.0473)
MAX
0.05 – 0.15
(.002 – .006)
2
48
46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
47
C
.10
-T-
-C-
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
*
**
0.32
±0.05
0.50 TYP
6.2
±0.10
8.1
±0.10
RECOMMENDED SOLDER PAD LAYOUT
0.95
±0.10
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com