Electronic Components Datasheet Search
  English  ▼

X  

LTC1744 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1744 Datasheet HTML 16Page - Linear Technology LTC1744 Datasheet HTML 17Page - Linear Technology LTC1744 Datasheet HTML 18Page - Linear Technology LTC1744 Datasheet HTML 19Page - Linear Technology LTC1744 Datasheet HTML 20Page - Linear Technology LTC1744 Datasheet HTML 21Page - Linear Technology LTC1744 Datasheet HTML 22Page - Linear Technology LTC1744 Datasheet HTML 23Page - Linear Technology LTC1744 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1744
1744f
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0803 1K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1019
Precision Bandgap Reference
0.05% Max Initial Accuracy, 5ppm/
°C Max Drift
LTC1196
8-Bit, 1Msps ADC
3V to 5V, SO-8
LTC1405
12-Bit, 5Msps, Sampling ADC with Parallel Output
Pin Compatible with the LTC1420
LTC1406
8-Bit, 20Msps ADC
Undersampling Capability Up to 70MHz Input
LTC1411
14-Bit, 2.5Msps ADC
No Pipeline Delay, 5V, 80dB SINAD
LTC1410
12-Bit, 1.25Msps ADC
±5V, 71dB SINAD
LTC1412
12-Bit, 3Msps, Sampling ADC with Parallel Output
±5V, No Pipeline Delay, SINAD = 72dB at Nyquist
LTC1414
14-Bit, 2.2Msps ADC
±5V, No Pipeline Delay, 80dB SINAD, 95dB SFDR
LTC1415
Single 5V, 12-Bit, 1.25Msps with Parallel Output
55mW Power Dissipation, 72dB SINAD
LTC1419
14-Bit, 800ksps ADC
±5V, 95dB SFDR, 150mW
LTC1420
12-Bit, 10Msps ADC
71dB SINAD and 83dB SFDR at Nyquist
LT1460
Micropower Precision Series Reference
0.075% Accuracy, 10ppm/
°C Drift
LTC1604/LTC1608
16-Bit, 333ksps/500ksps ADCs
16-Bit, No Missing Codes, 90dB SINAD, –100dB THD
LTC1668
16-Bit, 50Msps DAC
87dB SFDR at 1MHz fOUT, Low Power, Low Cost
LTC1741
12-Bit, 65Msps Low Noise ADC
Pin Compatible with the LTC1744
LTC1742
14-Bit, 65Msps Low Noise ADC
Pin Compatible with the LTC1744
LTC1743
12-Bit, 50Msps Low Noise ADC
Pin Compatible with the LTC1744
LTC1745
12-Bit, 25Msps Low Noise ADC
Pin Compatible with the LTC1744
LTC1746
14-Bit, 25Msps Low Noise ADC
Pin Compatible with the LTC1744
LTC1747
12-Bit, 80Msps Low Noise ADC
Pin Compatible with the LTC1744
LTC1748
14-Bit, 80Msps Low Noise ADC
Pin Compatible with the LTC1744
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com