Electronic Components Datasheet Search
  English  ▼

X  

LTC4556 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4556
Description  Smart Card Interface with Serial Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4556 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4556 Datasheet HTML 9Page - Linear Technology LTC4556 Datasheet HTML 10Page - Linear Technology LTC4556 Datasheet HTML 11Page - Linear Technology LTC4556 Datasheet HTML 12Page - Linear Technology LTC4556 Datasheet HTML 13Page - Linear Technology LTC4556 Datasheet HTML 14Page - Linear Technology LTC4556 Datasheet HTML 15Page - Linear Technology LTC4556 Datasheet HTML 16Page - Linear Technology LTC4556 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4556
13
4556f
10kV ESD Protection
All smart card pins (CLK, RST, I/O, C4, C8 and VCC) can
withstand over 10kV of human body model ESD in-situ. In
order to ensure proper ESD protection, careful board
layout is required. The GND pin should be tied directly
to a ground plane. The multilayer ceramic chip VCC capaci-
tor should be located very close to the VCC pin and tied
immediately to the ground plane.
Capacitor Selection
Warning: A polarized capacitor such as tantalum or alumi-
num should never be used for the flying capacitor since its
voltage can reverse upon start up of the LTC4556. Low
ESR ceramic capacitors should always be used for the
flying capacitor.
A total of four capacitors are required to operate the
LTC4556. An input bypass capacitor is required at VBATT
and DVCC. An output bypass capacitor is required on the
smart card VCC pin. A charge pump flying capacitor is
required from C+ to C– and a charge storage capacitor is
required on the charge pump out pin CPO.
To prevent excessive noise spikes due to charge pump
operation, low ESR (equivalent series resistance) multi-
layer ceramic chip capacitors are strongly recommended.
There are several types of ceramic capacitors available
each having considerably different characteristics. For
example, X7R/X5R ceramic capacitors have excellent volt-
age and temperature stability but relatively low packing
density. Y5V ceramic capacitors have apparently higher
packing density but poor performance over their rated
voltage or temperature ranges. Under certain voltage and
temperature conditions Y5V and X7R/X5R ceramic ca-
pacitors can be compared directly by case size rather than
specified value for a desired minimum capacitance.
Placement of the capacitors is critical for correct operation
of the LTC4556. Because the charge pump generates large
current steps, all of the capacitors should be placed as
close to the LTC4556 as possible. The low impedance
APPLICATIO S I FOR ATIO
nature of multilayer ceramic chip capacitors will minimize
voltage spikes but only if the power path is kept very short
(i.e., minimum inductance). The VBATT node should be
especially well bypassed. The capacitor for this node
should be directly adjacent to the QFN package. The CPO
and flying capacitors should be very close as well. The
LTC4556 can tolerate more distance between the LDO
capacitor and the VCC pin.
Figure 4 shows an example of a tight printed circuit board
layout using single layer copper. For best performance a
multilayer board can be used and should employ a solid
ground plane on at least one layer.
The following capacitors are recommended for use with
the LTC4556:
TYPE
VALUE
CASE SIZE
MURATA P/N
BATT, CPO,
X5R
1
µF
0603
GRM39 X5R 105K 6.3
CFLY, VCC
CDVCC
X5R
0.1
µF
0402
GRM36 X5R 104K 10
VCC
GND
VBATT
CPO
4556 F04
Figure 4. Optimum Single Layer PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com