Electronic Components Datasheet Search
  English  ▼

X  

LTC4556 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4556
Description  Smart Card Interface with Serial Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4556 Datasheet(HTML) 4 Page - Linear Technology

  LTC4556 Datasheet HTML 1Page - Linear Technology LTC4556 Datasheet HTML 2Page - Linear Technology LTC4556 Datasheet HTML 3Page - Linear Technology LTC4556 Datasheet HTML 4Page - Linear Technology LTC4556 Datasheet HTML 5Page - Linear Technology LTC4556 Datasheet HTML 6Page - Linear Technology LTC4556 Datasheet HTML 7Page - Linear Technology LTC4556 Datasheet HTML 8Page - Linear Technology LTC4556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4556
4
4556f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBATT = 3.3V, DVCC = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This specification applies to all three smart card voltage classes:
1.8V, 3V and 5V.
Note 3: ROLCP ≡ (2VBATT – VCPO)/ICPO; VCPO will depend upon total load
(ICC) and minimum supply voltage VBATT. See Figure 6.
Note 4: The LTC4556E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 5: Based on long term current density limitation.
TYPICAL PERFOR A CE CHARACTERISTICS
VBATT SUPPLY VOLTAGE (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
4556 G01
500
400
300
200
100
0
TA = 25°C
ICC = 0µA
VCC = 5V
VCC = 1.8V
VCC = 3V
TEMPERATURE (
°C)
–40
–15
10
35
60
85
4556 G02
6.0
5.5
5.0
4.5
4.0
3.5
DVCC = VBATT = 3.3V
VCC = 5V
CLK
I/O
TEMPERATURE (
°C)
–40
–15
10
35
60
85
4556 G03
10
9
8
7
6
VBATT = 2.7V
VCPO = 4.9V
No Load Supply Current vs VBATT
I/O and CLK Short-Circuit Current
vs Temperature
(CLK in Bidirectional Mode)
Charge Pump Open-Loop Output
Resistance vs Temperature
(2VBATT – VCPO) / ICPO
FAULT
Low Level Output Voltage (VOL)
Sink Current = – 200
µA
q
0.005
0.3
V
Leakage Current
VFAULT = 5.5V
q
1
µA
Serial Port Timing
tDS
DIN Valid to SCLK Setup
8
ns
tDH
DIN Valid to SCLK Hold
8
ns
tDD
DOUT Output Delay
CLOAD = 15pF
15
60
ns
tL
SCLK Low Time
50
ns
tH
SCLK High Time
50
ns
tLW
LD Pulse Width
50
ns
tCL
SCLK to LD
50
ns
tLC
LD to SCLK
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com