Electronic Components Datasheet Search
  English  ▼

X  

LTC4556 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4556
Description  Smart Card Interface with Serial Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4556 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4556 Datasheet HTML 10Page - Linear Technology LTC4556 Datasheet HTML 11Page - Linear Technology LTC4556 Datasheet HTML 12Page - Linear Technology LTC4556 Datasheet HTML 13Page - Linear Technology LTC4556 Datasheet HTML 14Page - Linear Technology LTC4556 Datasheet HTML 15Page - Linear Technology LTC4556 Datasheet HTML 16Page - Linear Technology LTC4556 Datasheet HTML 17Page - Linear Technology LTC4556 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4556
14
4556f
Daisy-Chained Operation
For applications requiring more than one card socket, the
serial port of the LTC4556 is designed to be easily daisy-
chained. The DOUT pin of one LTC4556 can be connected
directly to the DIN pin of another LTC4556 or LTC1955.
Rather than sending one 8-bit byte before asserting LD,
the microcontroller should send one 8-bit byte per device.
LD should only be asserted after all devices have been
updated. Figure 7 shows an LTC4556 cascaded in daisy
chain fashion with two LTC1955s. In this case the
microcontroller would write five 8-bit bytes before assert-
ing the LD pin.
Interfacing to a Microcontroller
The serial port of the LTC4556 can be connected directly
to a 68HC11 style microcontroller’s serial port. The micro-
controller should be configured as the master device and
its clock’s idle state should be set to high (MSTR = 1,
CPOL = 1 and CPHA = 0 for the MC68HC11 family).
Figure 5 shows the recommended configuration and di-
rection of data flow. Note that an additional I/O line is
necessary for LD to load the data once it has shifted around
the loop. Command data is latched into the command
register on the falling edge of the LD signal. The LTC4556
will begin to act on new command data as soon as LD goes
low. Any general purpose microcontroller I/O line can be
configured to control the LD pin.
The status of the LTC4556 is returned over the serial port.
Status data is latched into the shift register on the rising
edge of the LD pin. Whenever the system is waiting for
status data from the LTC4556, its LD pin should be held
low.
Figure 5. Microcontroller Interface
CARD
4556 F05
DIN
DOUT
SCLK
LD
LTC4556
MOSI
MISO
SCK
I/O
µCONTROLLER
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com