Electronic Components Datasheet Search
  English  ▼

X  

TT410 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TT410
Description  4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TT410 Datasheet(HTML) 4 Page - Diodes Incorporated

  TT410 Datasheet HTML 1Page - Diodes Incorporated TT410 Datasheet HTML 2Page - Diodes Incorporated TT410 Datasheet HTML 3Page - Diodes Incorporated TT410 Datasheet HTML 4Page - Diodes Incorporated TT410 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TT410
Document number: DS39107 Rev. 4 - 2
4 of 5
www.diodes.com
March 2017
© Diodes Incorporated
TT410
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TT
TT
Dim
Min
Max
TYP
A1
0.10
0.20
--
A2
1.40
1.60
--
b
0.70
0.90
--
c
0.15
0.35
--
D
9.45
9.75
--
E
9.75
10.05
--
E1
6.30
6.75
--
E3
7.85
8.15
--
e
4.90
5.10
--
L
0.45
0.95
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TT
D
E1
E
E3
L
c
A2
A1
b
e
Y1
X
C
Y
Dimensions
Value (in
mm)
C
5.00
X
1.80
Y
2.10
Y1
11.70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com