Electronic Components Datasheet Search
  English  ▼

X  

TT410 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TT410
Description  4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TT410 Datasheet(HTML) 1 Page - Diodes Incorporated

  TT410 Datasheet HTML 1Page - Diodes Incorporated TT410 Datasheet HTML 2Page - Diodes Incorporated TT410 Datasheet HTML 3Page - Diodes Incorporated TT410 Datasheet HTML 4Page - Diodes Incorporated TT410 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TT410
Document number: DS39107 Rev. 4 - 2
1 of 5
www.diodes.com
March 2017
© Diodes Incorporated
TT410
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (μA)
1000
4
1.0
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Compact, Thin Profile Package Design
Low Forward Voltage Drop Improves Power Efficiency
High Current and Surge Capability
Reliable Robust Construction
Ideal for SMT Manufacturing
Rated at 1000V PRV
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TT
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.297 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
TT410-13
Commercial
TT
1,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Green
Top View
Internal Schematic
TT410= Product Type Marking Code
= Manufacturers’ Code Marking
YM = Date Code Marking
Y = Last Digit of Year (ex: 7 = 2017)
M = See Month/Code Table Below
Pin Diagram
TT410
YM


Similar Part No. - TT410

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
TT412 SELEC-TT412 Datasheet
73Kb / 1P
Time Totaliser
More results

Similar Description - TT410

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
4A Glass Passivated Bridge Rectifier
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
DONGGUAN YOU FENG WEI E...
MSB40B YFWDIODE-MSB40B Datasheet
462Kb / 3P
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB40B SKTECHNOLGY-MSB40B Datasheet
484Kb / 3P
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMSB40B SKTECHNOLGY-UMSB40B Datasheet
333Kb / 3P
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com