Electronic Components Datasheet Search
  English  ▼

X  

MAX5294 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5294
Description  Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5294 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5294 Datasheet HTML 1Page - Maxim Integrated Products MAX5294 Datasheet HTML 2Page - Maxim Integrated Products MAX5294 Datasheet HTML 3Page - Maxim Integrated Products MAX5294 Datasheet HTML 4Page - Maxim Integrated Products MAX5294 Datasheet HTML 5Page - Maxim Integrated Products MAX5294 Datasheet HTML 6Page - Maxim Integrated Products MAX5294 Datasheet HTML 7Page - Maxim Integrated Products MAX5294 Datasheet HTML 8Page - Maxim Integrated Products MAX5294 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
General Description
The MAX5290–MAX5295 dual, 12-/10-/8-bit, voltage-
output digital-to-analog converters (DACs) offer
buffered outputs and a 3µs maximum settling time at
the 12-bit level. The DACs operate from a 2.7V to 3.6V
analog supply and a separate 1.8V to 3.6V digital sup-
ply. The 20MHz 3-wire serial interface is compatible
with SPI™, QSPI™, MICROWIRE™, and digital signal
processor (DSP) protocol applications. Multiple devices
can share a common serial interface in direct access or
daisy-chained configuration. The MAX5290–MAX5295
provide two multifunctional, user-programmable, digital
I/O ports. The externally selectable power-up states of
the DAC outputs are either zero scale, midscale, or full
scale. Software-selectable FAST and SLOW settling
modes decrease settling time in FAST mode, or reduce
supply current in SLOW mode.
The MAX5290/MAX5291 are 12-bit DACs, the MAX5292/
MAX5293 are 10-bit DACs, and the MAX5294/MAX5295
are 8-bit DACs. The MAX5290/ MAX5292/MAX5294 pro-
vide unity-gain-configured output buffers, while the
MAX5291/MAX5293/MAX5295 provide force-sense-con-
figured output buffers. The MAX5290– MAX5295 are
specified over the extended -40°C to +85°C temperature
range, and are available in space-saving 4mm x 4mm,
16-pin thin QFN and 6.5mm x 5mm, 14-pin and 16-pin
TSSOP packages.
Applications
Portable Instrumentation
Automatic Test Equipment (ATE)
Digital Offset and Gain Adjustment
Automatic Tuning
Programmable Voltage and Current Sources
Programmable Attenuators
Industrial Process Controls
Motion Control
Microprocessor (µP)-Controlled Systems
Power Amplifier Control
Fast Parallel-DAC to Serial-DAC Upgrades
Features
o Dual, 12-/10-/8-Bit Serial DACs in 4mm x 4mm
Thin QFN and TSSOP Packages
o 3µs (max) 12-Bit Settling Time to 1/2 LSB
o Integral Nonlinearity
1 LSB (max) MAX5290/MAX5291 A-Grade (12-Bit)
1 LSB (max) MAX5292/MAX5293 (10-Bit)
1/2 LSB (max) MAX5294/MAX5295 (8-Bit)
o Guaranteed Monotonic, ±1 LSB (max) DNL
o Two User-Programmable Digital I/O Ports
o Single +2.7V to +3.6V Analog Supply
o +1.8V to AVDD Digital Supply
o 20MHz 3-Wire SPI-/QSPI-/MICROWIRE- and
DSP-Compatible Serial Interface
o Glitch-Free Outputs Power Up to Zero Scale,
Midscale or Full Scale
o Unity-Gain- or Force-Sense-Configured Output
Buffers
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit,
Voltage-Output DACs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3005; Rev 0; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Future product—contact factory for availability. Specifications
are preliminary.
**EP = Exposed paddle.
Selector Guide and Pin Configurations appear at end of data
sheet.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
TEMP RANGE
PIN-PACKAGE
MAX5290AEUD*
-40
°C to +85°C
14 TSSOP
MAX5290BEUD
-40
°C to +85°C
14 TSSOP
MAX5290AETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5290BETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5291AEUE*
-40
°C to +85°C
16 TSSOP
MAX5291BEUE
-40
°C to +85°C
16 TSSOP
MAX5291AETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5291BETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5292EUD
-40
°C to +85°C
14 TSSOP
MAX5292ETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5293EUE
-40
°C to +85°C
16 TSSOP
MAX5293ETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5294EUD
-40
°C to +85°C
14 TSSOP
MAX5294ETE*
-40
°C to +85°C
16 Thin QFN-EP**
MAX5295EUE
-40
°C to +85°C
16 TSSOP
MAX5295ETE*
-40
°C to +85°C
16 Thin QFN-EP**


Similar Part No. - MAX5294

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5294ETE MAXIM-MAX5294ETE Datasheet
846Kb / 35P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5294EUD MAXIM-MAX5294EUD Datasheet
846Kb / 35P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
More results

Similar Description - MAX5294

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
Dual 12-/10-/8-Bit I2C DACs
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
6/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com