| Electronic Components Datasheet Search |
|
MAX5294 Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX5294 Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 33 page ![]() Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs ______________________________________________________________________________________ 21 Default register values at power-up correspond to the state of PU, e.g. input and DAC registers are set to 800hex if PU is floating, FFFhex if PU = DVDD, and 000hex if PU= DGND. DAC Programming Examples: To load input register A from the shift register, leaving DAC register A unchanged (DAC output unchanged), use the command in Table 3. The MAX5290–MAX5295 can load DAC register A from the shift register, leaving input register A unchanged, by using the command in Table 4. To load input register A and DAC register A simultane- ously from the shift register, use the command in Table 5. For the 10-bit and 8-bit versions, set sub-bits = 0 for best performance. Advanced Feature Programming Commands Refer to the Programmer’s Handbook for details. Select Bits (MA, MB) The select bits allow synchronous updating of any com- bination of channels. The select bits command the loading of the DAC register from the input register of each channel. Set the select bit M_ = 1 to load the DAC register “_” with data from the input register “_”, where “_” is replaced with A or B depending on the selected channel. Setting the select bit to M_ = 0 results in no action for that channel (Table 6). Table 3. Load Input Register A from Shift Register Table 4. Load DAC Register A from Shift Register Table 5. Load Input Register A and DAC Register A from Shift Register Table 6. Select Command DATA CONTROL BITS DATA BITS DIN 0 0 0 0 D11 D10 D9 D8 D7 D6 D5 D4 D3/0 D2/0 D1/0 D0/0 DATA CONTROL BITS DATA BITS DIN 0 0 0 1 D11 D10 D9 D8 D7 D6 D5 D4 D3/0 D2/0 D1/0 D0/0 DATA CONTROL BITS DATA BITS DIN 0 0 1 0 D11 D10 D9 D8 D7 D6 D5 D4 D3/0 D2/0 D1/0 D0/0 DATA CONTROL BITS DATA BITS DIN 1 1 1 0 0 0 X X X X X X X X MB MA Table 7. Select Bits Programming Example DATA CONTROL BITS DATA BITS DIN 1 1 1 0 0 0 XX XXX X X X 1 0 X = Don’t care. X = Don’t care. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |