Electronic Components Datasheet Search
  English  ▼

X  

MAX5294 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5294
Description  Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5294 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5294 Datasheet HTML 1Page - Maxim Integrated Products MAX5294 Datasheet HTML 2Page - Maxim Integrated Products MAX5294 Datasheet HTML 3Page - Maxim Integrated Products MAX5294 Datasheet HTML 4Page - Maxim Integrated Products MAX5294 Datasheet HTML 5Page - Maxim Integrated Products MAX5294 Datasheet HTML 6Page - Maxim Integrated Products MAX5294 Datasheet HTML 7Page - Maxim Integrated Products MAX5294 Datasheet HTML 8Page - Maxim Integrated Products MAX5294 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit,
Voltage-Output DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = 2.7V to 3.6V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V, RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to DVDD........................................................................±6V
AGND to DGND ..................................................................±0.3V
AVDD to AGND, DGND.............................................-0.3V to +6V
DVDD to AGND, DGND ............................................-0.3V to +6V
FB_, OUT_,
REF to AGND ........-0.3V to the lower of (AVDD + 0.3V) or +6V
SCLK, DIN, CS, PU,
DSP to DGND .......-0.3V to the lower of (DVDD + 0.3V) or +6V
UPIO1, UPIO2
to DGND ...............-0.3V to the lower of (DVDD + 0.3V) or +6V
Maximum Current into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70
°C)
14-Pin TSSOP (derate 9.1mW/
°C above +70°C) .........727mW
16-Pin TSSOP (derate 9.4mW/
°C above +70°C) .........755mW
16-Pin Thin QFN (derate 16.9mW/
°C above +70°C) .1349mW
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +150°C
Maximum Junction Temperature .....................................+150
°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
MAX5290/MAX5291
12
MAX5292/MAX5293
10
Resolution
N
MAX5294/MAX5295
8
Bits
MAX5290A/MAX5291A (12-bit)
±1
MAX5290B/MAX5291B (12-bit)
±2
±4
MAX5292/MAX5293 (10-bit)
±0.5
±1
Integral Nonlinearity
INL
VREF = 2.5V at
AVDD = 2.7V
(Note 2)
MAX5294/MAX5295 (8-bit)
±0.125
±0.5
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic (Note 2)
±1
LSB
MAX5290A/MAX5291A (12-bit), decimal code = 40
±5
MAX5290B/MAX5291B (12-bit), decimal code = 82
±5
±25
MAX5292/MAX5293 (10-bit), decimal code = 21
±5
±25
Offset Error
VOS
MAX5294/MAX5295 (8-bit), decimal code = 5
±5
±25
mV
Offset-Error Drift
5
ppm of
FS/
°C
MAX5290A/MAX5291A (12-bit)
±4
MAX5290B/MAX5291B (12-bit)
±10
±20
MAX5292/MAX5293 (10-bit)
±3
±5
Gain Error
GE
Full-scale output
MAX5294/MAX5295 (8-bit)
±0.5
±2
LSB
Gain-Error Drift
1
ppm of
FS/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com