Electronic Components Datasheet Search
  English  ▼

X  

MAX5166LECM Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5166LECM
Description  32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5166LECM Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5166LECM Datasheet HTML 1Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 2Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 3Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 4Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 5Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 6Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 7Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 8Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
mA
32-Channel Sample/Hold Amplifier
with Four Multiplexed Inputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -5V, VL = +5V ±5%, AGND = DGND, RL = 5k
Ω, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Note 1: Guaranteed by design.
Note 2: Only one M_ input may be asserted low at a time, so only one channel is selected (see Single vs. Simultaneous Sampling).
Note 3: Do not exceed the absolute maximum rating for VDD to VSS of +15.75V (see Absolute Maximum Ratings).
For both VDD and VSS in
sample mode, VIN = 0
VA0–VA3 = 0.8V or 2V;
VM0, VM1, VM2 = 0.8V or 2V
A_ = DGND or VL;
M_ = DGND or VL
RL =
∞
RL =
∞
(Note 3)
(Note 3)
A_ = DGND or VL; M_ = DGND or VL
CONDITIONS
dB
-60
-75
PSRR
Power-Supply Rejection Ratio
mA
5
IL
Digital Logic Supply Current
0.5
mA
36
ISS
Negative Analog Supply Current
mA
36
IDD
Positive Analog Supply Current
V
4.75
5.0
5.25
VL
Digital Logic Supply Voltage
V
-4.75
-5.0
-5.45
VSS
Negative Analog Supply Voltage
V
9.5
10.0
10.5
VDD
Positive Analog Supply Voltage
V
0.8
VIL
Input Voltage Low
V
2.0
VIH
Input Voltage High
µA
-1
+1
II
Input Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIGITAL INPUTS
POWER SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com