Electronic Components Datasheet Search
  English  ▼

X  

MAX5166LECM Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5166LECM
Description  32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5166LECM Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5166LECM Datasheet HTML 1Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 2Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 3Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 4Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 5Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 6Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 7Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 8Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
32-Channel Sample/Hold Amplifier
with Four Multiplexed Inputs
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +10V, VSS = -5V, VL = +5V, IN_ = +5V, RL =
∞, CL = 0, AGND = DGND, TA = +25°C, unless otherwise noted.)
0
4
2
10
8
6
16
14
12
18
-40
0
20
-20
406080
100
DROOP RATE vs. TEMPERATURE
TEMPERATURE (°C)
1000
10,000
0
-10
-20
-30
-40
-60
-50
-70
-80
-90
110
100
POWER-SUPPLY REJECTION RATIO
(HOLD MODE)
FREQUENCY (kHz)
-SUPPLY
+SUPPLY
1000
10,000
0
-10
-20
-30
-40
-60
-50
-70
-80
-90
110
100
POWER-SUPPLY REJECTION RATIO
(SAMPLE MODE)
FREQUENCY (kHz)
-SUPPLY
+SUPPLY
0
25
50
75
-40
20
40
-20
0
60
80
100
HOLD STEP vs. TEMPERATURE
TEMPERATURE (
°C)
0
-20
-10
-50
-40
-30
-60
-70
-90
-80
-100
-5.0
-3.0
-1.0
1.0
3.0
5.0
7.0
9.0
HOLD STEP vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
-5.0
-4.0
-4.5
-3.0
-3.5
-2.5
-2.0
-40
20
40
-20
0
60
80
100
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
1.00
1.10
1.05
1.20
1.15
1.30
1.25
1.35
1.45
1.40
1.50
-5.0
-2.0 -0.5 1.0
-3.5
2.5 4.0 5.5
8.5
7.0
10.0
DROOP RATE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
-4.5
-4.3
-4.4
-4.0
-4.1
-4.2
-3.9
-3.8
-3.6
-3.7
-3.5
OFFSET VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
-5.0
-3.0
-1.0
1.0
3.0
5.0
7.0
9.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com