Electronic Components Datasheet Search
  English  ▼

X  

IRVR101 Datasheet(PDF) 2 Page - International Rectifier

Part # IRVR101
Description  LIN Controlled Alternator Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVR101 Datasheet(HTML) 2 Page - International Rectifier

  IRVR101 Datasheet HTML 1Page - International Rectifier IRVR101 Datasheet HTML 2Page - International Rectifier IRVR101 Datasheet HTML 3Page - International Rectifier IRVR101 Datasheet HTML 4Page - International Rectifier IRVR101 Datasheet HTML 5Page - International Rectifier IRVR101 Datasheet HTML 6Page - International Rectifier IRVR101 Datasheet HTML 7Page - International Rectifier IRVR101 Datasheet HTML 8Page - International Rectifier IRVR101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.irf.com
Preliminary Data Sheet
2
International
Rectifier
IRVR101
Introduction
The IRVR101 is designed for use in a 12V automotive charging system where optimized battery charging and
dynamic alternator control are desired.
The Block Diagram illustrates the main components and potential
system configuration of the LIN controlled charging system.
The regulator is shown separate from the
alternator assembly but it is typically integrated into the machine. The interface between the Engine Control
Unit (ECU) and the regulator requires one bi-directional line with a transceiver at each end for serial
communication.
Alternatively, communication may be achieved between the regulator and Body Control
Module (BCM) as illustrated in below.
The signals to the regulator (received from the ECU or BCM) include the voltage setpoint, load response control
ramp, load response control ramp cut-off speed, and the field excitation limit. The voltage setpoint command
also allows for disabling of the field driver to achieve a momentary no output condition.
Signals from the
regulator (transmitted to the ECU or BCM) include the field excitation duty cycle, the field excitation current OR
temperature (customer defined), and the fault status. Transmitted fault codes provide unique indication for
mechanical, electrical, temperature, communication, and timeout errors.
Block Diagram
Sensor data inputs *:
ECT =Engine Coolant Temp;
AT = A mbient Te mpe rature;
VSS = Vehicle Speed Sensor
Instrument
Panel
Warning
indicator
Additional
LIN nodes
(up to 15)
LIN Controlled
Voltage Regulator
Alternator
12V Battery
LIN Transceiver
Battery
Voltage
Sense
Body Control
Module (BCM)
LIN
Transceiver
Power
Input
Stator
Rotor
B+
GND
P hase
detection
Low side
field driver
+
-
B+
Voltage
Sense
Lamp
control
Engine Electronic
Control Unit
CAN
Transceiver
CAN
Transceiver
VSS
AT
ECT
Sensor data inputs *
Vehicle
electrical
loads
Additional
CAN nodes
Optional communication path
LIN
Transceiver
Optional sense line
Sensor data inputs *:
ECT =Engine Coolant Temp;
AT = A mbient Te mpe rature;
VSS = Vehicle Speed Sensor
Instrument
Panel
Warning
indicator
Instrument
Panel
Warning
indicator
Additional
LIN nodes
(up to 15)
LIN Controlled
Voltage Regulator
Alternator
12V Battery
LIN Transceiver
Battery
Voltage
Sense
Body Control
Module (BCM)
LIN
Transceiver
Power
Input
Stator
Rotor
B+
GND
P hase
detection
Low side
field driver
+
-
B+
Voltage
Sense
Lamp
control
Engine Electronic
Control Unit
CAN
Transceiver
CAN
Transceiver
VSS
AT
ECT
Sensor data inputs *
Vehicle
electrical
loads
Additional
CAN nodes
Optional communication path
LIN
Transceiver
Optional sense line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com