Electronic Components Datasheet Search
  English  ▼

X  

IRVR101 Datasheet(PDF) 15 Page - International Rectifier

Part # IRVR101
Description  LIN Controlled Alternator Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVR101 Datasheet(HTML) 15 Page - International Rectifier

Back Button IRVR101 Datasheet HTML 7Page - International Rectifier IRVR101 Datasheet HTML 8Page - International Rectifier IRVR101 Datasheet HTML 9Page - International Rectifier IRVR101 Datasheet HTML 10Page - International Rectifier IRVR101 Datasheet HTML 11Page - International Rectifier IRVR101 Datasheet HTML 12Page - International Rectifier IRVR101 Datasheet HTML 13Page - International Rectifier IRVR101 Datasheet HTML 14Page - International Rectifier IRVR101 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
www.irf.com
Preliminary Data Sheet
15
International
Rectifier
IRVR101
Communication Fault Signals from the Regulator (J and K)
J. Communciation error, 1bit (2:6). Set when the regulator recognizes a communication error.
Reset after one correct read.
K. Time Out flag, 1 bit (2:7). Time out after 2s with no valid communication. Default values after
time out. Reset after one correct read.
Error indication
Byte 2 (K,J)
Bit:
76
Communication
error
01
Time out flag
10
No communication
error present
00
Data and specifications subject to change without notice.
This product has been designed and qualified for the Automotive market.
Qualification Standards can be found on IR’s Web site.
International
Rectifier
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245
USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 09/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com