Electronic Components Datasheet Search
  English  ▼

X  

IRVR101 Datasheet(PDF) 3 Page - International Rectifier

Part # IRVR101
Description  LIN Controlled Alternator Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVR101 Datasheet(HTML) 3 Page - International Rectifier

  IRVR101 Datasheet HTML 1Page - International Rectifier IRVR101 Datasheet HTML 2Page - International Rectifier IRVR101 Datasheet HTML 3Page - International Rectifier IRVR101 Datasheet HTML 4Page - International Rectifier IRVR101 Datasheet HTML 5Page - International Rectifier IRVR101 Datasheet HTML 6Page - International Rectifier IRVR101 Datasheet HTML 7Page - International Rectifier IRVR101 Datasheet HTML 8Page - International Rectifier IRVR101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com
Preliminary Data Sheet
3
International
Rectifier
IRVR101
Interface Design
The interface design is based on the LIN communication protocol.
Detailed information regarding this
communication protocol can be found in the latest revision of the LIN Specification Package. This package can
be obtained from the LIN Website located at www.lin-subbus.org.
Activation and De-activation
The voltage regulator is activated by a wake up signal that consists of the character ‘0x80’. The regulator is
also capable of
waking up with the presence of any normal bus activity.
Once the regulator has been
activated, the regulator will wait until a valid message is received prior to turning on the field driver. The
regulator will then hold the field duty cycle at 18.75% until a cut-in phase signal is recognized at which time the
regulator will soft start ramp to normal regulation. The cut-in phase voltage and frequency must be greater than
2V and 1200 Generator RPM (GRPM) respectively. De-activation requires a bus timeout in combination with a
phase signal timeout. Bus timeout occurs 2s after the last valid message is received. Phase signal timeout
occurs 500mS after the phase voltage and frequency have fallen below 0.6V AND 600 GRPM, respectively.
Self-excitation
In the event of a LIN bus fault, the voltage regulator is capable of self-excitation if a phase voltage and
frequency of greater than 0.6VAND 1200 Generator RPM is detected.
This signal is only possible if the
residual magnetism in the alternator rotor core is sufficient enough to generate a magnetic field capable of
inducing the voltage signal in the stator windings. If this signal is detected, the regulator will apply an 18.75%
duty cycle until the cut-in phase signal is recognized at which time the regulator will soft start ramp to default
regulation.
The regulator will return to sleep mode at any time when the phase signal has timed out as
described above.
Voltage Sensing
System voltage sensing can be achieved via the dedicated battery sense input or through machine sensing
from the rectifier B+ output via the F+ input to the regulator. The battery sense input is optional and can be
deleted. If the battery sense option is exercised, an open or short circuit at this input will cause voltage sensing
to transfer to the machine voltage sense input (an electrical fault can be indicated if the regulator is configured
for this fault option). The machine voltage setpoint can be set to a different value than the battery sense voltage
to compensate for system voltage variation between the alternator and the battery.
Voltage Regulation
Voltage regulation is achieved using fixed frequency pulse width modulation. The base frequency is typically
150 Hz and the proportional control range for regulation is 100mV. This provides for very stable regulation over
the entire speed and electrical load range.
Load Response Control
Load response control is programmable and can be varied from 0.426 seconds to 13.2 seconds in 16 steps.
Additionally, the load response control cut-off speed is programmable and can be set to “always active” or
varied from 2400 to 8000 Generator RPM. The load response at startup is equal to the programmed value for
the load response control. The load response will always be executed on the first ramp to full field after engine
start regardless of frequency in order to assist in achieving a smooth engine start.
Fault Detection
Respective fault codes are transmitted per the “Fault Detection” table. A 500mS delay is enforced prior to the
transmission of any fault code. Mechanical faults are based on the frequency detection of the stator phase
signal. Electrical faults are based on the voltage detection of the stator phase and system voltage sense inputs.
A temperature fault is based on the regulator IC junction temperature. Communication errors are detected after
a delay of 2s. Examples of sync communication errors are sync bit, checksum, and bit detect errors. A sync bit
error is detected when the sync field does not = ‘0x55’. A checksum error is generated when the sum of the
modulo-256 sum over all data bytes and the checksum byte do not equal ‘0xFF’. A bit error is detected when a
transmitted bit does not correspond to the appropriate bus state due to another device forcing the bus to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com