Electronic Components Datasheet Search
  English  ▼

X  

NCV47722. Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV47722.
Description  High Side Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47722. Datasheet(HTML) 1 Page - ON Semiconductor

  NCV47722. Datasheet HTML 1Page - ON Semiconductor NCV47722. Datasheet HTML 2Page - ON Semiconductor NCV47722. Datasheet HTML 3Page - ON Semiconductor NCV47722. Datasheet HTML 4Page - ON Semiconductor NCV47722. Datasheet HTML 5Page - ON Semiconductor NCV47722. Datasheet HTML 6Page - ON Semiconductor NCV47722. Datasheet HTML 7Page - ON Semiconductor NCV47722. Datasheet HTML 8Page - ON Semiconductor NCV47722. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2017 − Rev. 0
1
Publication Order Number:
NCV47722/D
NCV47722
High Side Switch with
Adjustable Current Limit and
Diagnostic Features
The NCV47722 High Side Switch (HSS) with 250 mA is designed
for use in harsh automotive environments. The device has a high peak
input voltage tolerance and reverse input voltage, reverse bias,
overcurrent and overtemperature protections. The integrated current
sense feature (adjustable by resistor connected to CSO pin) provides
diagnosis and system protection functionality. The CSO pin output
current creates voltage drop across CSO resistor which is proportional
to output current. Extended diagnostic features in OFF state are also
available and controlled by dedicated input and output pins.
Features
• Output Current: up to 250 mA
• Enable Input (3.3 V Logic Compatible)
• Adjustable Current Limit: up to 350 mA
• Protection Features:
♦ Current Limitation
♦ Thermal Shutdown
♦ Reverse Input Voltage and Reverse Bias Voltage
• Diagnostic Features:
♦ Short To Battery (STB) and Open Load (OL) in OFF State
♦ Internal Components for OFF State Diagnostics
♦ Open Collector Flag Output
♦ Output Voltage Monitoring Output (analog)
• AEC−Q100 Grade 1 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Audio and Infotainment System
• Active Safety System
Figure 1. Application Schematic
Vout
GND
Vin
CSO
EN
Cin
Cout
RCSO
CCSO
1 µF
1 µF
NCV47722
1 µF
DE
EF
Diagnostic Enable Input
Error Flag Output (Open Collector)
Vout_FB
To A/D
*Vout_FB is sensed Vout output voltage via internal resistor divider
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
MARKING
DIAGRAM
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
TSSOP−14
Exposed Pad
CASE 948AW
NCV4
7722
ALYW
G
G
1
14
1
14
1
8
SO−8
Exposed Pad
PD SUFFIX
CASE 751AC
(In Development)
1
8
47722
ALYW
G
G
47722
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
47722
ALYW
G
G
1
(Note: Microdot may be in either location)
1
DFN8
MNW SUFFIX
CASE 506BY
(In Development)
1
8
SO−8
D SUFFIX
CASE 751
(In Development)
47722
ALYW
G
G
1
8


Similar Part No. - NCV47722.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47722PAAJR2G ONSEMI-NCV47722PAAJR2G Datasheet
256Kb / 12P
High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
More results

Similar Description - NCV47722.

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
logo
Rohm
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
1ch Adjustable Current Limit High Side Switch ICs
logo
ON Semiconductor
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Rohm
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com