Electronic Components Datasheet Search
  English  ▼

X  

NCV47722. Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV47722.
Description  High Side Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47722. Datasheet(HTML) 2 Page - ON Semiconductor

  NCV47722. Datasheet HTML 1Page - ON Semiconductor NCV47722. Datasheet HTML 2Page - ON Semiconductor NCV47722. Datasheet HTML 3Page - ON Semiconductor NCV47722. Datasheet HTML 4Page - ON Semiconductor NCV47722. Datasheet HTML 5Page - ON Semiconductor NCV47722. Datasheet HTML 6Page - ON Semiconductor NCV47722. Datasheet HTML 7Page - ON Semiconductor NCV47722. Datasheet HTML 8Page - ON Semiconductor NCV47722. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCV47722
www.onsemi.com
2
Figure 2. Simplified Block Diagram
2.55 V
VOLTAGE
REFERENCE
THERMAL
SHUTDOWN
SATURATION
PROTECTION
EN
CSO
PASS DEVICE
AND
CURRENT MIRROR
DE
IPU_ON
EF
STB_OL_OFF
GND
+
−
+
−
0.95x
STB_OL_OFF
OC_ON
+
−
DIAGNOSTIC
CONTROL
LOGIC
OC_ON
PD_ON
EN
EN
ENABLE
PD_ON
500k
100k
1.05 V
780k
780k
10 mA
IPU_ON
*) for current value of RATIO see into Electrical Characteristic Table
VREF
VREF_OFF
Vin
IPU
RPD_ON
RPD_DE
Vout
VREF
ICSO = Iout / RATIO*
VREF
RPD1
RPD2
VREF_OFF
Vout_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com