Electronic Components Datasheet Search
  English  ▼

X  

NCV47722. Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV47722.
Description  High Side Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47722. Datasheet(HTML) 3 Page - ON Semiconductor

  NCV47722. Datasheet HTML 1Page - ON Semiconductor NCV47722. Datasheet HTML 2Page - ON Semiconductor NCV47722. Datasheet HTML 3Page - ON Semiconductor NCV47722. Datasheet HTML 4Page - ON Semiconductor NCV47722. Datasheet HTML 5Page - ON Semiconductor NCV47722. Datasheet HTML 6Page - ON Semiconductor NCV47722. Datasheet HTML 7Page - ON Semiconductor NCV47722. Datasheet HTML 8Page - ON Semiconductor NCV47722. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV47722
www.onsemi.com
3
EPAD
NC
NC
NC
GND
EN
CSO
4
1
1
NC
NC
EF
DE
Figure 3. Pin Connections (Top Views)
NC
DFN8
EF
DE
GND
EN
CSO
EF
DE
GND
EN
CSO
SO−8, SO−8 EPAD
TSSOP−14 EPAD
18
18
Vout
Vout_FB
Vin
Vout
Vout_FB
Vin
Vout
Vout_FB
Vin
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
TSSOP−14
EPAD
Pin No.
SO−8
Pin No.
SO−8 EPAD,
DFN8
Pin Name
Description
1
−
−
NC
Not Connected, not internally bonded.
2
−
−
NC
Not Connected, not internally bonded.
3
−
−
NC
Not Connected, not internally bonded.
4
2
2
GND
Power Supply Ground.
5
3
3
EN
Enable Input; low level disables regulator. (Used also for OFF state diagnos-
tics control.
6
4
4
CSO
Current Sense Output, Current Limit setting and Output Current value informa-
tion. See Application Section for more details.
7
5
5
Vin
Power Supply Input.
8
8
8
Vout
Regulated Output Voltage.
9
1
1
Vout_FB
Output Voltage Analog Monitoring. See Application Section for more details.
10
6
6
DE
Diagnostic Enable Input.
11
7
7
EF
Error Flag (Open Collector) Output. Active Low.
12
−
−
NC
Not Connected, not internally bonded.
13
−
−
NC
Not Connected, not internally bonded.
14
−
−
NC
Not Connected, not internally bonded.
EPAD
−
EPAD
EPAD
Exposed Pad is connected to Ground. Connect to GND plane on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com