Electronic Components Datasheet Search
  English  ▼

X  

MAX7030MATJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7030MATJ
Description  Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7030MATJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7030MATJ Datasheet HTML 1Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 2Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 3Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 4Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 5Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 6Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 7Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 8Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX7030 crystal-based, fractional-N transceiver is
designed to transmit and receive ASK/OOK data at fac-
tory-preset carrier frequencies of 315MHz, 345MHz
†, or
433.92MHz with data rates up to 33kbps (Manchester
encoded) or 66kbps (NRZ encoded). This device gen-
erates a typical output power of +10dBm into a 50
Ω
load, and exhibits typical sensitivity of -114dBm. The
MAX7030 features separate transmit and receive pins
(PAOUT and LNAIN) and provides an internal RF switch
that can be used to connect the transmit and receive
pins to a common antenna.
The MAX7030 transmit frequency is generated by a 16-
bit, fractional-N, phase-locked loop (PLL), while the
receiver’s local oscillator (LO) is generated by an inte-
ger-N PLL. This hybrid architecture eliminates the need
for separate transmit and receive crystal reference
oscillators because the fractional-N PLL is preset to be
10.7MHz above the receive LO. Retaining the fixed-N
PLL for the receiver avoids the higher current-drain
requirements of a fractional-N PLL and keeps the
receiver current drain as low as possible. All frequency-
generation components are integrated on-chip, and
only a crystal, a 10.7MHz IF filter, and a few discrete
components are required to implement a complete
antenna/digital data solution.
The MAX7030 is available in a small, 5mm x 5mm, 32-
pin thin QFN package, and is specified to operate over
the automotive -40°C to +125°C temperature range.
†Consult factory for availability.
Applications
2-Way Remote Keyless Entry
Security Systems
Home Automation
Remote Controls
Remote Sensing
Smoke Alarms
Garage Door Openers
Local Telemetry Systems
Features
♦ +2.1V to +3.6V or +4.5V to +5.5V Single-Supply
Operation
♦ Single-Crystal Transceiver
♦ Factory-Preset Frequency (No Serial Interface
Required)
♦ ASK/OOK Modulation
♦ +10dBm Output Power into 50Ω Load
♦ Integrated TX/RX Switch
♦ Integrated Transmit and Receive PLL, VCO, and
Loop Filter
♦ > 45dB Image Rejection
♦ Typical RF Sensitivity*: -114dBm
♦ Selectable IF Bandwidth with External Filter
♦ < 12.5mA Transmit-Mode Current
♦ < 6.7mA Receive-Mode Current
♦ < 800nA Shutdown Current
♦ Fast-On Startup Feature, <250µs
♦ Small, 32-Pin, Thin QFN Package
Low-Cost, 315MHz, 345MHz, and 433.92MHz
ASK Transceiver with Fractional-N PLL
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3706; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX7030_ATJ -40
°C to +125°C 32 Thin QFN-EP** T3255-3
Product Selector Guide
PART
CARRIER FREQUENCY (MHz)
MAX7030LATJ
315
MAX7030MATJ
345
MAX7030HATJ
433.92
*0.2% BER, 4kbps Manchester-encoded data, 280kHz IF BW
**EP = Exposed paddle.
Note: The MAX7030 is available with factory-preset operating
frequencies. See the Product Selector Guide for complete part
numbers.
Pin Configuration, Typical Application Circuit, and
Functional Diagram appear at end of data sheet.


Similar Part No. - MAX7030MATJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030MATJ+ MAXIM-MAX7030MATJ+ Datasheet
245Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
More results

Similar Description - MAX7030MATJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7032 MAXIM-MAX7032 Datasheet
449Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com