Electronic Components Datasheet Search
  English  ▼

X  

MAX7030MATJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7030MATJ
Description  Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7030MATJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7030MATJ Datasheet HTML 1Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 2Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 3Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 4Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 5Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 6Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 7Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 8Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Cost, 315MHz, 345MHz, and 433.92MHz
ASK Transceiver with Fractional-N PLL
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
HVIN to GND..........................................................-0.3V to +6.0V
PAVDD, AVDD, DVDD to GND ................................-0.3V to +4.0V
ENABLE, T/R, DATA, AGC0, AGC1,
AGC2 to GND .......................................-0.3V to (HVIN + 0.3V)
All Other Pins to GND ...............................-0.3V to (_VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
32-Pin Thin QFN (derate 21.3mW/°C
above +70°C).............................................................1702mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, 50
Ω system impedance, AVDD = DVDD = HVIN = PAVDD = +2.1V to +3.6V, fRF = 315MHz, 345MHz, or
433.92MHz, TA = -40°C to +125°C, unless otherwise noted. Typical values are at AVDD = DVDD = HVIN = PAVDD = +2.7V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (3V Mode)
VDD
HVIN, PAVDD, AVDD, and DVDD connected
to power supply
2.1
2.7
3.6
V
Supply Voltage (5V Mode)
HVIN
PAVDD, AVDD, and DVDD unconnected
from HVIN, but connected together
4.5
5.0
5.5
V
fRF = 315MHz
3.5
5.4
Transmit mode, PA off,
VDATA at 0% duty
cycle (Note 2)
fRF = 434MHz
4.3
6.7
fRF = 315MHz
7.6
12.3
Transmit mode, VDATA
at 50% duty cycle
(Notes 3, 4)
fRF = 434MHz
8.4
13.6
fRF = 315MHz
11.6
19.1
Transmit mode, VDATA
at 100% duty cycle
(Note 2)
fRF = 434MHz
12.4
20.4
Receiver 315MHz
6.1
7.9
Receiver 434MHz
6.4
8.3
mA
Deep-sleep
(3V mode)
0.8
8.8
TA < +85°C,
typ at +25°C
(Note 4)
Deep-sleep
(5V mode)
2.4
10.9
µA
Receiver 315MHz
6.4
8.2
Receiver 434MHz
6.7
8.4
mA
Deep-sleep
(3V mode)
8.0
34.2
Supply Current
IDD
TA < +125°C,
typ at +125°C
(Note 2)
Deep-sleep
(5V mode)
14.9
39.3
µA
Voltage Regulator
VREG
HVIN = 5V, ILOAD = 15mA
3.0
V
DIGITAL I/O
Input-High Threshold
VIH
(Note 2)
0.9 x
HVIN
V
Input-Low Threshold
VIL
(Note 2)
0.1 x
HVIN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com