Electronic Components Datasheet Search
  English  ▼

X  

NJU8721 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJU8721
Description  CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8721 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJU8721 Datasheet HTML 5Page - New Japan Radio NJU8721 Datasheet HTML 6Page - New Japan Radio NJU8721 Datasheet HTML 7Page - New Japan Radio NJU8721 Datasheet HTML 8Page - New Japan Radio NJU8721 Datasheet HTML 9Page - New Japan Radio NJU8721 Datasheet HTML 10Page - New Japan Radio NJU8721 Datasheet HTML 11Page - New Japan Radio NJU8721 Datasheet HTML 12Page - New Japan Radio NJU8721 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NJU8721
- 13 -
! APPLICATION CIRCUIT
Note 9)
De-coupling capacitors must be connected between each power supply pin and GND pin.
Note 10) The power supply for VDDL and VDDR require fast driving response performance such as a switching
regulator for THD.
Note 11) The bigger capacitor value of AC-coupling capacitors for headphone outputs realize better frequency
response characteristics, especially low frequency area.
Note 12) The above circuit shows only application example and does not guarantee the any electrical
characteristics. Therefore, please consider and check the circuit carefully to fit your application.
VDD
VSS
3.3V
0.1uF
10uF
Digital
Audio
Data
MCK
BCK
LRCK
DIN
Switching
Regulator
100uF
2.2uF
OUTR
OUTL
220uF
100uH
16Ω
220uF
Headphone
Mode
Control
MODE
F0/DATA
F1/REQ
F2/SCK
RST
STBY
MUTE
TEST
VDDR
2.2uF
2.2uF
VDDL
100uH
VSSL
VSSR
A915BY-101M
A915BY-101M
•A915BY-101M is manufactured by TOKO, INC.
For further information, please refer to its technical papers.
20
11
12
13
14
15
9
19
18
17
10
1
16
2
8
6
3
5
7
4
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com