Electronic Components Datasheet Search
  English  ▼

X  

NJU8721 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU8721
Description  CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8721 Datasheet(HTML) 2 Page - New Japan Radio

  NJU8721 Datasheet HTML 1Page - New Japan Radio NJU8721 Datasheet HTML 2Page - New Japan Radio NJU8721 Datasheet HTML 3Page - New Japan Radio NJU8721 Datasheet HTML 4Page - New Japan Radio NJU8721 Datasheet HTML 5Page - New Japan Radio NJU8721 Datasheet HTML 6Page - New Japan Radio NJU8721 Datasheet HTML 7Page - New Japan Radio NJU8721 Datasheet HTML 8Page - New Japan Radio NJU8721 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJU8721
- 2 -
! TERMINAL DESCRIPTION
No.
SYMBOL
I/O
FUNCTION
1
STBY
I
Standby Control Terminal
Low : Standby ON
High : Standby OFF
2
TEST
I
Manufacturer Testing Terminal
Normally connect to GND.
3
VSSR
−
Rch Power GND, VSSR=0V
4
OUTR
O
Rch Output Terminal
5
VDDR
−
Rch Power Supply, VDDR=VDD to 5.0V
6
VDDL
−
Lch Power Supply, VDDL=VDD to 5.0V
7
OUTL
O
Lch Output terminal
8
VSSL
−
Lch Power GND, VSSL=0V
9
MODE
I
Control Mode selection Terminal
Low : Parallel Control Mode
High : Serial Control Mode
10
RST
I
Reset Terminal
Low : Reset ON
High : Reset OFF
11
VSS
−
Logic Power GND, VSS=0V
12
MCK
I
Master Clock Input Terminal
256fS clock inputs this terminal.
13
BCK
I
Serial Audio Data Bit Clock Input Terminal
This clock must synchronize with MCK input signal.
14
LRCK
I
L/R Channel Clock Input Terminal
This clock must synchronize with MCK input signal.
15
DIN
I
Serial Audio Data Input Terminal
16
MUTE
I
Mute Control Terminal
Low : Mute ON
High : Mute OFF
17
F2/SCK
I
MODE=”Low”
: Serial Audio Interface Format Selection Terminal 2
MODE=”High”
: Control Register Data Shift Clock Input Terminal
The data is fetched into the control register by rise edge of SCK
signal.
18
F1/REQ
I
MODE=”Low”
: Serial Audio Interface Format Selection Terminal 1
MODE=”High”
: Control Register Data Request Input Terminal
19
F0/DATA
I
MODE=”Low”
: Serial Audio Interface Format Selection Terminal 0
MODE=”High”
: Control Register Data Input Terminal
20
VDD
−
Logic Power Supply, VDD=3.3V
! INPUT TERMINAL STRUCTURE
VDD
VSS
Input Terminal
Inside Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com