Electronic Components Datasheet Search
  English  ▼

X  

NJU8721 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU8721
Description  CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8721 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJU8721 Datasheet HTML 4Page - New Japan Radio NJU8721 Datasheet HTML 5Page - New Japan Radio NJU8721 Datasheet HTML 6Page - New Japan Radio NJU8721 Datasheet HTML 7Page - New Japan Radio NJU8721 Datasheet HTML 8Page - New Japan Radio NJU8721 Datasheet HTML 9Page - New Japan Radio NJU8721 Datasheet HTML 10Page - New Japan Radio NJU8721 Datasheet HTML 11Page - New Japan Radio NJU8721 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NJU8721
- 8 -
(8-3) DEMP0, DEMP1
DEMP0 and DEMP1 control De-Emphasis on/off and sampling frequency.
DEMP1
DEMP0
De-Emphasis
Initial Value
0
0
OFF
!
0
1
32kHz
1
0
44.1kHz
1
1
48kHz
(8-4) MUTE
Mute operation is controlled by the “MUTE” as same as the MUTE terminal control.
MUTE
Mute Operation
Initial Value
0
OFF
!
1
ON
(8-5) F0, F1, F2
F0, F1, and F2 select Digital Audio Interface Format. As same as the F0/DATA, F1/REQ, and F2/SCK
terminal control.
F0
F1
F2
Interface Format
Bit Length
Initial Value
0
0
0
I
2S
16
!
0
0
1
MSB Justified
16
0
1
0
LSB Justified
16
1
0
0
I
2S
18
1
0
1
MSB Justified
18
1
1
0
LSB Justified
18
(8-6) RST
When the RST is “1”, the control register and inner data (Digital filter, PWM modulator) are initialized.
RST
Reset Operation
Initial Value
0
OFF
!
1
ON
(8-7) TRST
When the TRST is “1”, only inner data (Digital filter, PWM modulator) is initialized.
TRST
Data Bus Initialize
Initial Value
0
OFF
!
1
ON
(8-8) MUTT2 to MUTT0
MUTT2 to MUTT0 set the attenuator transition time. This transition time is one attenuation step change
time.
MUTT2
MUTT1
MUTT0
Operation Time
Initial Value
0
0
0
1 / fS
!
0
0
1
2 / fS
0
1
0
4 / fS
0
1
1
8 / fS
1
0
0
16 / fS
1
0
1
32 / fS
1
1
0
64 / fS
1
1
1
128 / fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com