Electronic Components Datasheet Search
  English  ▼

X  

SSM3302 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 1 Page - Analog Devices

  SSM3302_13 Datasheet HTML 1Page - Analog Devices SSM3302_13 Datasheet HTML 2Page - Analog Devices SSM3302_13 Datasheet HTML 3Page - Analog Devices SSM3302_13 Datasheet HTML 4Page - Analog Devices SSM3302_13 Datasheet HTML 5Page - Analog Devices SSM3302_13 Datasheet HTML 6Page - Analog Devices SSM3302_13 Datasheet HTML 7Page - Analog Devices SSM3302_13 Datasheet HTML 8Page - Analog Devices SSM3302_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2 ×10 W Filterless Class-D
Stereo Audio Amplifier
Data Sheet
SSM3302
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Filterless stereo Class-D amplifier with Σ-Δ modulation
2 × 10 W into 4 Ω load and 2 × 8 W into 8 Ω load at 12 V supply
with <1% total harmonic distortion plus noise (THD + N)
91% efficiency at 12 V, 8 W into 8 Ω speaker
98 dB signal-to-noise ratio (SNR)
Single-supply operation from 7 V to 18 V
Flexible gain adjustment pin from 9 dB to 24 dB
Fixed input impedance of 40 kΩ
Mono output mode pin for 1 × 20 W output power into 2 Ω
10 µA shutdown current
Short-circuit and thermal protection
Available in a 40-lead, 6 mm × 6 mm LFCSP
Pop-and-click suppression
User-selectable ultralow EMI emissions mode
Thermal warning indicator
Power-on reset
APPLICATIONS
Mobile computing
Flat panel televisions
Media docking stations
Portable electronics
Sound bars
GENERAL DESCRIPTION
The SSM3302 is a fully integrated, high efficiency, stereo Class-D
audio amplifier. The application circuit requires minimal external
components and operates from a single 7 V to 18 V supply. The
device is capable of delivering 2 × 10 W of continuous output
power into a 4 Ω load (or 2 × 8 W into 8 Ω) with <1% THD + N
from a 12 V supply. In addition, while mono mode is activated,
the user can drive a load as small as 2 Ω up to 20 W continuous
output power by stacking the stereo output terminals.
The SSM3302 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. This scheme
continues to provide high efficiency even at low output power.
The SSM3302 operates with 90% efficiency at 7 W into an 8 Ω
load or with 82% efficiency at 10 W into 4 Ω from a 12 V supply,
and it has an SNR of >98 dB.
Spread spectrum pulse density modulation (PDM) is used to
provide lower EMI radiated emissions compared with other
Class-D architectures. The SSM3302 includes an optional
modulation select pin (ultralow EMI emission mode) that
significantly reduces the radiated emissions at the Class-D
outputs, particularly above 100 MHz. The SSM3302 can pass
FCC Class-B emissions testing with an unshielded 20 inch cable
using common-mode choke-based filtering.
The fully differential input of the SSM3302 provides excellent
rejection of common-mode noise on the input. The device also
includes a highly flexible gain select pin that only requires one
series resistor to choose a gain between 9 dB and 24 dB, with no
change to the input impedance. The benefit of this is to improve
gain matching between multiple SSM3302 devices within a single
application compared with using external resistors to set gain.
The SSM3302 includes an integrated voltage regulator that
generates a 5 V rail.
The SSM3302 has a micropower shutdown mode with a typical
shutdown current of 10 µA. Shutdown is enabled by applying a
logic low to the SD pin. The device also includes pop-and-click
suppression circuitry that minimizes voltage glitches at the output
during turn on and turn off, reducing audible noise during
activation and deactivation.
Other included features to simplify system level integration of
the SSM3302 are input low-pass filtering to suppress out-of-
band DAC noise interference to the pulse density modulator,
fixed input impedance to simplify component selection across
multiple platform production builds, and a thermal warning
indicator pin.
The SSM3302 is specified over the commercial temperature
range (−40°C to +85°C). It has built-in thermal shutdown and
output short-circuit protection. It is available in a halide-free,
40-lead, 6 mm × 6 mm lead frame chip scale package (LFCSP).


Similar Part No. - SSM3302_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM3302ACPZ AD-SSM3302ACPZ Datasheet
1Mb / 20P
2 횞10 W Filterless Class-D
REV. 0
SSM3302ACPZ-R7 AD-SSM3302ACPZ-R7 Datasheet
1Mb / 20P
2 횞10 W Filterless Class-D
REV. 0
SSM3302ACPZ-RL AD-SSM3302ACPZ-RL Datasheet
1Mb / 20P
2 횞10 W Filterless Class-D
REV. 0
More results

Similar Description - SSM3302_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM3302 AD-SSM3302 Datasheet
1Mb / 20P
2 횞10 W Filterless Class-D
REV. 0
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
Rev. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com