Electronic Components Datasheet Search
  English  ▼

X  

SSM3302 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM3302_13 Datasheet HTML 5Page - Analog Devices SSM3302_13 Datasheet HTML 6Page - Analog Devices SSM3302_13 Datasheet HTML 7Page - Analog Devices SSM3302_13 Datasheet HTML 8Page - Analog Devices SSM3302_13 Datasheet HTML 9Page - Analog Devices SSM3302_13 Datasheet HTML 10Page - Analog Devices SSM3302_13 Datasheet HTML 11Page - Analog Devices SSM3302_13 Datasheet HTML 12Page - Analog Devices SSM3302_13 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
SSM3302
Rev. A | Page 9 of 20
Figure 9. THD + N vs. Frequency;
RL = 8 Ω; PVDD = 7 V; PO = 0.25 W, PO = 0.5 W, PO = 2.5 W
Figure 10. THD + N vs. Frequency;
RL = 4 Ω; PVDD = 7 V; PO = 0.5 W, PO = 2.5 W, PO = 5 W
Figure 11. THD + N vs. Frequency;
RL = 2 Ω; Mono Mode; PVDD = 7 V; PO = 0.5 W, PO = 2.5 W, PO = 3.5 W
Figure 12. THD + N vs. Frequency;
RL = 8 Ω; PVDD = 12 V; PO = 2.5 W, PO = 5 W, PO = 7.5 W
Figure 13. THD + N vs. Frequency;
RL = 4 Ω; PVDD = 12 V; PO = 2.5 W, PO = 5 W, PO = 10 W
Figure 14. THD + N vs. Frequency;
RL = 2 Ω; Mono Mode; PVDD = 12 V; PO = 0.5 W, PO = 2.5 W, PO = 5 W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 7V
RL = 8Ω + 33µH
GAIN = 9dB
EDGE = LOW
PO = 0.5W
PO = 0.25W
PO = 2.5W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 7V
RL = 4Ω + 15µH
GAIN = 9dB
EDGE = LOW
PO = 2.5W
PO = 0.5W
PO = 5W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 7V
RL = 2Ω + 7.5µH
GAIN = 9dB
EDGE = 0V
MONO = 5V
PO = 2.5W
PO = 0.5W
PO = 3.5W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 12V
RL = 8Ω + 33µH
GAIN = 9dB
EDGE = LOW
PO = 5W
PO = 7.5W
PO = 2.5W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 12V
RL = 4Ω + 15µH
GAIN = 9dB
EDGE = LOW
PO = 10W
PO = 2.5W
PO = 5W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 12V
RL = 4Ω + 7.5µH
GAIN = 9dB
EDGE = LOW
MONO = 5V
PO = 5W
PO = 0.5W
PO = 2.5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com